Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-3108B-16S-21PW Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 97-3108B-16S-21PW
Description  Amphenol 97 Series Standard Cylindrical Connector
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3108B-16S-21PW Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 97-3108B-16S-21PW Datasheet HTML 3Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 4Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 5Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 6Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 7Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 8Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 9Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 10Page - Amphenol Corporation 97-3108B-16S-21PW Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
5
97 series solder type
insert availability, cont.
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches
mm
0
4
8
12
16
22-26*
7
1/8
3.18
2
5
22-27
9
1/8
3.18
D
1
1/16
1.57
A
8
22-28†
7
1/16
1.57
A
7
22-34
5
1/8
3.18
D
3
2
24-2
7
1/8
3.18
D
7
24-5†
16
1/16
1.57
A
16
24-6
8
1/8
3.18
D
3
1/16
1.57
A
5
24-7
16
1/16
1.57
A
2
14
24-9†
2
1/16
1.57
A
2
24-10
7
1/16
1.57
A
7
24-11
9
1/16
1.57
A
3
6
24-12
5
1/16
1.57
A
2
3
24-16
7
1/8
3.18
D
1
3
1/16
1.57
A
3
24-19†
12
1/16
1.57
12
24-20
11
1/8
3.18
D
2
9
24-21
10
1/8
3.18
D
1
9
24-22
41/8
3.18
D
4
24-27
7
3/16
4.75
E
7
24-28
24
1/16
1.57
INST.
24
28-1
9
1/8
3.18
D
1
2
1/16
1.57
A
2
4
28-2
14
1/8
3.18
D
2
12
28-3
3
3/16
4.75
E
3
28-6†
3
1/8
3.18
D
3
28-8
12
1/16
1.57
A
9
1/8
3.18
D
1
3/16
4.75
E
2
28-9
12
1/8
3.18
D
6
6
28-10
7
1/8
3.18
D
1
1/16
1.57
A
2
2
2
28-11
22
1/16
1.57
A
4
18
28-12
26
1/16
1.57
A
26
28-15†
35
1/16
1.57
A
35
28-16†
20
1/16
1.57
A
20
28-17
15
1/4
6.35
B
1
1/8
3.18
D
3
1/16
1.57
A
11
28-18
12
5/16
7.92
C
1
1/8
3.18
D
5
1/16
1.57
A
2
INST.
4
28-19
10
1/4
6.35
B
2
1/8
3.18
D
2
1/16
1.57
A
4
2
28-20
14
1/16
1.57
A
10
4
28-21
37
1/16
1.57
A
37
32-5†
2
1/8
3.18
D
2
32-6
23
1/16
1.57
A
2
3
2
16
32-7
35
1/16
1.57
A
7
24
INST.
4
32-8†
30
1/16
1.57
A
6
24
32-13
23
1/8
3.18
D
5
18
32-17
4
1/8
3.18
D
4
32-414
52
1/16
1.57
A
52
36-1†
22
1/8
3.18
D
4
18
36-5
4
1/16
1.57
A
4
36-6
6
1/16
1.57
A
2
4
36-7
47
1/16
1.57
A
7
40
36-8
47
1/16
1.57
A
1
46
36-9
31
1/16
1.57
A
1
2
14
14
36-10
48
1/16
1.57
A
48
36-15
35
1/16
1.57
A
34
1/8
3.18
D
1
36-403*
52
1/16
1.57
A
52
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches
mm
0
4
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.


Similar Part No. - 97-3108B-16S-21PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3108B-10SL-3S ETC1-97-3108B-10SL-3S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3108B-10SL-4S ETC1-97-3108B-10SL-4S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3108B-14S-1P ETC1-97-3108B-14S-1P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3108B-14S-1S ETC1-97-3108B-14S-1S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3108B-14S-2P ETC1-97-3108B-14S-2P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3108B-16S-21PW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
   Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-69518-11S AMPHENOL-10-69518-11S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com