Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ02S0503A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DZ02S0503A
Description  5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ02S0503A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DZ02S0503A Datasheet HTML 1Page - Delta Electronics, Inc. DZ02S0503A Datasheet HTML 2Page - Delta Electronics, Inc. DZ02S0503A Datasheet HTML 3Page - Delta Electronics, Inc. DZ02S0503A Datasheet HTML 4Page - Delta Electronics, Inc. DZ02S0503A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS_SF05S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will
not damage these modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
P3
2.76
5.08
15.24 [0.6]
[0.2]
7.62
[0.3]
33.4 [1.31]
1.50 [0.06]
1
24
2
23
3
22
10
15
11
14
12
13
16
9
0.15 S
SSEATING
PLANE
[0.11]
3.0 [0.12]
27.94 [1.10]
2.54 [0.10]
15.24 [0.60]
1.9 [0.07]
27.0 [1.06]


Similar Part No. - DZ02S0503A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DZ02S0503A DELTA-DZ02S0503A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ02S0503A DELTA-DZ02S0503A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DZ02S0503A DELTA-DZ02S0503A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ02S0503A DELTA-DZ02S0503A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ02S0503A DELTA-DZ02S0503A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DZ02S0503A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_15 Datasheet
427Kb / 5P
   DC/DC CONVERTER 5W, SMD-Package
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com