Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX795S Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX795S
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX795S Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX795S Datasheet HTML 1Page - Maxim Integrated Products MAX795S Datasheet HTML 2Page - Maxim Integrated Products MAX795S Datasheet HTML 3Page - Maxim Integrated Products MAX795S Datasheet HTML 4Page - Maxim Integrated Products MAX795S Datasheet HTML 5Page - Maxim Integrated Products MAX795S Datasheet HTML 6Page - Maxim Integrated Products MAX795S Datasheet HTML 7Page - Maxim Integrated Products MAX795S Datasheet HTML 8Page - Maxim Integrated Products MAX795S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX793/MAX794/MAX795 microprocessor (µP)
supervisory circuits monitor and control the activities of
+3.0V/+3.3V µPs by providing backup-battery switchover,
among other features such as low-line indication, µP
reset, write protection for CMOS RAM, and a watchdog
(see the
Selector Guide below). The backup-battery volt-
age can exceed VCC, permitting the use of 3.6V lithium
batteries in systems using 3.0V to 3.3V for VCC.
The MAX793/MAX795 offer a choice of reset threshold
voltage range (denoted by suffix letter): 3.00V to 3.15V
(T), 2.85V to 3.00V (S), and 2.55V to 2.70V (R). The
MAX794’s reset threshold is set externally with a resistor
divider. The MAX793/MAX794 are available in 16-pin
DIP and narrow SO packages, and the MAX795 comes
in 8-pin DIP and SO packages.
________________________Applications
Battery-Powered Computers and Controllers
Embedded Controllers
Intelligent Controllers
Critical µP Power Monitoring
Portable Equipment
____________________________Features
MAX793/MAX794/MAX795
o Precision Supply-Voltage Monitor:
Fixed Reset Trip Voltage (MAX793/MAX795)
Adjustable Reset Trip Voltage (MAX794)
o Guaranteed Reset Assertion to VCC = 1V
o Backup-Battery Power Switching—Battery
Voltage Can Exceed VCC
o On-Board Gating of Chip-Enable Signals—7ns
Max Propagation Delay
MAX793/MAX794 Only
o Battery Freshness Seal
o Battery OK Output (MAX793)
o Uncommitted Voltage Monitor for Power-Fail or
Low-Battery Warning
o Independent Watchdog Timer (1.6s timeout)
o Manual Reset Input
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
MAX793
RESET
LOWLINE
WDI
CE IN
CE OUT
3.0V OR 3.3V
+5V
BATT
A0-A15
MR
+5V SUPPLY
FAILURE
BATT ON
PFI
WDO
OUT
CMOS
RAM
ADDRESS
DECODER
0.1
µF
PMOS
0.1
µF
VCC
PFO
GND
I/O
µP
NMI
RESET
VCC
VCC
0.1
µF
3.6V
BATT OK
(OPTIONAL)
Si9433DY
SILICONIX
19-0366; Rev 6; 3/10
FEATURE
Active-Low Reset
Active-High Reset
Programmable Reset
Threshold
Low-Line Early Warning
Output
MAX793



MAX794




MAX795

Backup-Battery
Switchover
External Switch Driver
Power-Fail Comparator






Battery OK Output



_____________________Selector Guide
__________Typical Operating Circuit
Watchdog Input
Battery Freshness Seal




Manual Reset Input



Chip-Enable Gating


Pin-Package
16-DIP/SO 16-DIP/SO
8-DIP/SO
Pin Configurations appear at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART*
TEMP RANGE
PIN-
PACKAGE
MAX793_CPE
0°C to +70°C
16 Plastic DIP
MAX793_CSE
0°C to +70°C
16 Narrow SO
Ordering Information continued at end of data sheet.
*
The MAX793/MAX795 offer a choice of reset threshold voltage.
Select the letter corresponding to the desired reset threshold
voltage range (T = 3.00V to 3.15V, S = 2.85V to 3.00V, R =
2.55V to 2.70V) and insert it into the blank to complete the part
number. The MAX794’s reset threshold is adjustable.
Devices are available in both leaded and lead-free packaging.
Specify lead free by adding the + symbol at the end of the part
number when ordering.


Similar Part No. - MAX795S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX795S MAXIM-MAX795S Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
More results

Similar Description - MAX795S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com