Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6349THUT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6349THUT
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349THUT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6349THUT Datasheet HTML 1Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 2Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 3Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 4Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 5Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 6Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 7Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 8Page - Maxim Integrated Products MAX6349THUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
_______________________________________________________________________________________
5
20
µs/div
STARTUP RESPONSE
MAX6329/49 toc10
VOUT
2V/div
VIN
5V/div
IOUT = 50mA
COUT = 1
µF
200
µs/div
LOAD TRANSIENT RESPONSE
MAX6329/49 toc11
VOUT
50mV/div
VIN = 5V
IOUT = 0 - 100mA
200
µs/div
LOAD TRANSIENT RESPONSE
NEAR DROPOUT
MAX6329/49 toc12
VOUT
50mV/div
VIN = 3.6V
IOUT = 0 - 100mA
500
µs/div
LINE TRANSIENT
MAX6329/49 toc13
VIN = 3.6V
IOUT = 0 - 100mA
5V
VIN
4.5V
VOUT
50mV/div
IOUT = 0 - 50mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6349THUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349TH MAXIM-MAX6349TH Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6349THUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com