Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCA1206MD3BPW00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCA1206MD3BPW00
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCA1206MD3BPW00 Datasheet(HTML) 1 Page - Vishay Siliconix

  MCA1206MD3BPW00 Datasheet HTML 1Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 2Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 3Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 4Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 5Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 6Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 7Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 8Page - Vishay Siliconix MCA1206MD3BPW00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
www.vishay.com
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
Document Number: 28785
1
Revision: 09-Apr-09
Automotive-Grade MC AT Precision Thin Film Chip
Resistors are the perfect choice for most fields of modern
precision electronics where reliability and stability is of major
concern.
Typical
applications
include
automotive,
telecommunication, industrial, medical equipment, precision
test and measuring equipment.
FEATURES
• Superior moisture resistivity, |
ΔR/R| < 0.5 %
(85 °C; 85 % RH; 1000 h)
• Rated dissipation
P70 up to 0.4 W for size 1206
• AEC-Q200 qualified
• Approved according to EN 140401-801
• Lead (Pb)-free solder contacts
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Automotive
• Telecommunication
• Medical equipment
• Industrial equipment
Note
(1) Please refer to APPLICATION INFORMATION below
METRIC SIZE
INCH:
0603
0805
1206
METRIC:
RR 1608M
RR 2012M
RR 3216M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
Metric size
RR 1608M
RR 2012M
RR 3216M
Resistance range
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
Resistance tolerance
± 0.1 %
Temperature coefficient
± 25 ppm/K; ± 15 ppm/K
Rated dissipation
P70 (1)
0.125 W
0.200 W
0.400 W
Operating voltage,
Umax. AC/DC
75 V
150 V
200 V
Permissible film temperature (1)
155 °C
Insulation voltage
1 min;
Uins
100 V
200 V
300 V
Continuous
75 V
75 V
75 V


Similar Part No. - MCA1206MD3BPW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCA1206MD4641DE0P5PW00 VISHAY-MCA1206MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641FE0P5PW00 VISHAY-MCA1206MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641ZE0P5PW00 VISHAY-MCA1206MD4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCA1206MD3BPW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com