Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6710DUT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6710DUT
Description  Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6710DUT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6710DUT Datasheet HTML 1Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 2Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 3Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 4Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 5Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 6Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 7Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 8Page - Maxim Integrated Products MAX6710DUT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, IN_, RESET to GND..........................................-0.3V to +6V
Continuous RESET Current .................................................20mA
Continuous Power Dissipation
6-Pin SOT23 (derate 8.7mW/°C above +70°C).........695.7mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
MAX6700/MAX6710Q
2.0
5.5
TA = 0
oC to +85oC
1.0
5.5
Operating Voltage Range
(Note 2)
VIN2
All others (Note 3)
TA = -40
oC to +85oC
1.2
5.5
V
IN_ = nominal input voltage (for 1.8V, 2.5V,
and 5.0V supplies)
25
40
IN2 = nominal input voltage (for 3.0V and
3.3V supplies) (Note 4)
55
115
VIN1 = 0 to 0.85V (for adjustable thresholds)
0.4
IIN_
VIN3, VIN4 = 0 to 0.85V
(for adjustable thresholds)
0.2
Input Current
ICC
MAX6700/MAX6710Q only, VCC = 5.5V
35
50
µA
5V (-5%)
4.50
4.63
4.75
5V (-10%)
4.25
4.38
4.50
3.3V (-5%)
3.00
3.08
3.15
3.3V (-10%)
2.85
2.93
3.00
3.0V (-5%)
2.70
2.78
2.85
3.0V (-10%)
2.55
2.63
2.70
2.5V (-5%)
2.25
2.32
2.38
2.5V (-10%)
2.13
2.19
2.25
1.8V (-5%)
1.62
1.67
1.71
Threshold Voltage
VTH
IN_ decreasing
1.8V (-10%)
1.53
1.58
1.62
V
Adjustable Threshold
VTH
IN_ decreasing
0.611
0.620
0.629
V
Reset Threshold Hysteresis
VHYST
IN_ increasing relative to IN_ decreasing
0.3
%VTH
Reset Threshold Temperature
Coefficient
TCVTH
60
ppm/
oC
IN_ to Reset Delay
tRD
VIN falling at 10mV/µs from VTH to (VTH - 50mV)
30
µs
Propagation Delay
tPD
MAX6700 only
5
µs
Reset Timeout Period
tRP
MAX6710 only
140
200
280
ms
ELECTRICAL CHARACTERISTICS
(VIN2 = 1V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN2 = 3.0V to 3.3V, TA = +25°C.) (Note 1)


Similar Part No. - MAX6710DUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6710FUT-T MAXIM-MAX6710FUT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710KUT-T MAXIM-MAX6710KUT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results

Similar Description - MAX6710DUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com