Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ06S0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PZ06S0303A
Description  2W DC/DC CONVERTER, SIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PZ06S0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PZ06S0303A Datasheet HTML 1Page - Delta Electronics, Inc. PZ06S0303A Datasheet HTML 2Page - Delta Electronics, Inc. PZ06S0303A Datasheet HTML 3Page - Delta Electronics, Inc. PZ06S0303A Datasheet HTML 4Page - Delta Electronics, Inc. PZ06S0303A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PG02S Series
2W DC/DC CONVERTER, SIP-Package
DS_PG02S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
SIP Package with Industry Pinout
Sma
ll Footprint: 21.8 x 9.3 mm (0.86”x 0.37”inch)
Wide 2:1 Input Range
Operating Temperature Range -40°C to +85°C
Isolation Voltage 1000VDC
Fully Regulated Output
Short circuit protection
Lead free, RoHs Compliant
3 Years Product Warranty
The PG02S series are miniature, SIP Package, isolated 2W DC/DC converters with 1,000VDC isolation. The PG02S series features
fully regulated output and wide 2:1 input voltage ranges. The most convenient advantage is the modules with a small footprint
occupying only 2.0 cm
2 (0.3 square in.) on the PCB.
It offers short circuit protection and allows a wide operating temperature range
of
–40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and
manufacturing ― Delta Electronics, Inc
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Reflected
Ripple
Current
Max.capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
PG02S0503A
5
(4.5 ~ 9)
3.3
500
125
471
40
400
2200
70
PG02S0505A
5
400
100
548
1000
73
PG02S0512A
12
167
42
534
170
75
PG02S1203A
12
(9 ~ 18)
3.3
500
125
184
20
300
2200
73
PG02S1205A
5
400
100
217
1000
77
PG02S1212A
12
167
42
209
170
80
PG02S2403A
24
(18 ~ 36)
3.3
500
125
96
10
200
2200
72
PG02S2405A
5
400
100
109
1000
77
PG02S2412A
12
167
42
103
170
81
PG02S4803A
48
(36 ~ 75)
3.3
500
125
49
8
500
2200
71
PG02S4805A
5
400
100
57
1000
73
PG02S4812A
12
167
42
53
170
79


Similar Part No. - PZ06S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PZ06S0303A DELTA-PZ06S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PZ06S0303A DELTA-PZ06S0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PZ06S0303A DELTA-PZ06S0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PZ06S0303A DELTA-PZ06S0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PZ06S0303A DELTA-PZ06S0303A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PZ06S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com