Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA04S0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PA04S0303A
Description  1W DC/DC CONVERTER, SIP-Package, High Efficiency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA04S0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PA04S0303A Datasheet HTML 1Page - Delta Electronics, Inc. PA04S0303A Datasheet HTML 2Page - Delta Electronics, Inc. PA04S0303A Datasheet HTML 3Page - Delta Electronics, Inc. PA04S0303A Datasheet HTML 4Page - Delta Electronics, Inc. PA04S0303A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PE01S/D series
1W DC/DC CONVERTER, SIP-Package, High Efficiency
DS_PE01S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 88.5%
SIP Package with Industry Standard Pinout
Semi-regulated Output Voltage
Isolation Voltage 1000VDC
Operating Temperature Range –40°C to +85°C
UL/IEC/EN 60950-1 Safety
Single and Dual Outputs
Lead free, RoHs Compliant
>2 MHours MTBF
CSA / NRTL60950-1 safety approval
3 Years Product Warranty
The PE01S/D series are miniature, SIP Package, isolated 1W DC/DC converters with 1,000VDC isolation and very high efficiency .
It offers short circuit protection and allows a wide operating temperature range of –40°C to +85°C. These products provide a typical
load regulation of 2.5% to 5.0% depending on each model.
The PE01S/D DC/DC converters are a compromise between a fully
regulated converter and a non-regulated converter . These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min. @Max.Load
@No Load
Load
Regulation
Reflected
Ripple
Max. capacitive
Load
@Max.oad
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
mA(typ.)
uF
%
PE01S0505A
5
200
4
238
6.5
84
PE01S0509A
9
110
2
228
5
87
PE01S0512A
12
84
1.5
232
5.2
87
PE01S0515A
15
67
1
230
5
220
87.5
PE01D0505A
±5
±100
±2
237
5.2
84.5
PE01D0509A
±9
±56
±1
234
4.2
86
PE01D0512A
±12
±42
±0.8
233
4.6
86.5
PE01D0515A
5
(4.5 ~ 5.5)
±15
±34
±0.7
236
30
4.5
7
100*
86.5
PE01S1205A
5
200
4
99
5
84
PE01S1209A
9
110
2
95
3.4
86.5
PE01S1212A
12
84
1.5
95
3.4
88.5
PE01S1215A
15
67
1
95
2.7
220
88
PE01D1205A
±5
±100
±2
99
3.9
84.5
PE01D1209A
±9
±56
±1
98
2.8
86
PE01D1212A
±12
±42
±0.8
95
2.9
88.5
PE01D1215A
12
(10.8 ~ 13.2)
±15
±34
±0.7
94
12
2.6
4
100*
87.5
PE01S2405A
5
200
4
50
3.7
84
PE01S2409A
9
110
2
48
2.5
86.5
PE01S2412A
12
84
1.5
48
2.4
87.5
PE01S2415A
15
67
1
48
2.3
220
87.5
PE01D2405A
±5
±100
±2
50
3.7
83.5
PE01D2409A
±9
±56
±1
49
2.5
86
PE01D2412A
±12
±42
±0.8
48
2.4
87
PE01D2415A
24
(21.6 ~ 26.4)
±15
±34
±0.7
49
11
2.3
8
100*
87
* For each output
P1


Similar Part No. - PA04S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA04S0303A DELTA-PA04S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA04S0303A DELTA-PA04S0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA04S0303A DELTA-PA04S0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA04S0303A DELTA-PA04S0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PA04S0303A DELTA-PA04S0303A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PA04S0303A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com