Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q36SR12019PKFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q36SR12019PKFA
Description  Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q36SR12019PKFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q36SR12019PKFA Datasheet HTML 2Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 3Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 4Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 5Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 6Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 7Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 8Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 9Page - Delta Electronics, Inc. Q36SR12019PKFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Q36SR12019_08092012
6
end-user’s safety agency standard, i.e., UL60950-1,
CSA C22.2 NO. 60950-1 2nd and IEC 60950-1 2nd :
2005 and EN 60950-1 2nd: 2006+A11+A1: 2010, if the
system in which the power module is to be used must
meet safety agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the
purpose of applying insulation requirements when the
input to this DC-to-DC converter is identified as TNV-2
or SELV.
An additional evaluation is needed if the
source is other than TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If
the input source is a hazardous voltage which is greater
than 60 Vdc and less than or equal to 75 Vdc, for the
module’s output to meet SELV requirements, all of the
following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
Fast-acting fuse with 50A maximum rating to be
installed in the ungrounded lead. A lower rated fuse can
be used based on the maximum inrush transient energy
and maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance
on appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a
few µH, we advise adding a 100 µF electrolytic capacitor
(ESR < 0.7 Ω at 100 kHz) mounted close to the input of
the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in
a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design. Below is the reference design for an
input filter tested with Q36SR12019 to meet class A in
CISSPR 22.
Schematic and Components List
CX1=4*2.2uF/100V ceramic cap
CX2=100uF/100V electrolytic cap
Delta standard EMI filter, FL75L20
Test result:
25C, 48Vin, Green line is quasi peak mode and blue line
is average mode.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the


Similar Part No. - Q36SR12019PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017 DELTA-Q36SR12017 Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Industry standard footprint and pin out
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFH DELTA-Q36SR12017NKFH Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
More results

Similar Description - Q36SR12019PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E36SC12009NRFA DELTA-E36SC12009NRFA Datasheet
579Kb / 16P
   Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com