Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6329YH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6329YH
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6329YH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6329YH Datasheet HTML 1Page - Maxim Integrated Products MAX6329YH Datasheet HTML 2Page - Maxim Integrated Products MAX6329YH Datasheet HTML 3Page - Maxim Integrated Products MAX6329YH Datasheet HTML 4Page - Maxim Integrated Products MAX6329YH Datasheet HTML 5Page - Maxim Integrated Products MAX6329YH Datasheet HTML 6Page - Maxim Integrated Products MAX6329YH Datasheet HTML 7Page - Maxim Integrated Products MAX6329YH Datasheet HTML 8Page - Maxim Integrated Products MAX6329YH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +3.6V, TA = 0°C to +85°C. Typical values are at IOUT = 0, COUT = 2.2µF, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +7V
SHDN to GND...........................................................-0.3V to +7V
SET to GND ..............................................-0.3V to (VOUT + 0.3V)
MR to GND ...............................................................-0.3V to +7V
RESET, RESET to GND, (Push-Pull) ..........0.3V to (VOUT + 0.3V)
RESET to GNd,(Open-Drain).....................-0.3V to (VOUT +0.3V)
OUT to GND .............................................................-0.3V to +7V
Short-Circuit Duration.................................................Continuous
Maximum Current into Any Pin (except IN, OUT) ............±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
Thermal Resistance (
θJA) ............................................+140°C/W
Operating Temperature Range...............................0°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Supply Current
IQ
At GND
25
50
µA
Shutdown Supply Current
TA = +25
oC1
µA
REGULATOR
Maximum Output Current
150
mA
VIN = 4.0V to 5.5V, SET = GND, IOUT = 0 to
100mA, T/S Versions
3.20
3.3
3.40
VIN = 3.0V to 5.5V, SET = GND, IOUT = 0 to
100mA, Z/Y Versions
2.425
2.5
2.575
Output Voltage (Note 2)
VOUT
VIN = 2.5V to 5.5V, SET = GND, IOUT = 0 to
100mA, W/V Versions
1.745
1.8
1.855
V
ILOAD = 10mA, T/S Versions
20
30
ILOAD = 150mA, T/S Versions
300
360
ILOAD = 10mA, Z/Y Versions
25
35
ILOAD = 150mA, Z/Y Versions
300
400
ILOAD = 10mA, W/V Versions
60
200
Dropout Voltage (Note 3)
∆VDO
ILOAD = 150mA, W/V Versions
600
750
mV
Output Current Limit
VIN = VOUT +1V
350
mA
Input Reverse Leakage Current
VIN = 0, VOUT = 5.5V
0.01
1.5
µA
Startup-Time Response
Rising edge of VIN or SHDN to VOUT
RL = 68
Ω, SET = GND, CL = 1µF
500
µs
VIL
0.3
VIN
SHDN Input Voltage
VIH
MAX6329 only
0.8
VIN
V
SHDN Input Current
ISHDN
SHDN = GND or IN MAX6329 only
-1
0.1
1
µA
SET Reference Voltage
VSET
1.20
1.23
1.26
V
SET Input Leakage Current
ISET
-10
+10
nA
Thermal Shutdown Temperature
160
oC
Thermal Shutdown Hysteresis
20
oC


Similar Part No. - MAX6329YH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329YH MAXIM-MAX6329YH Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6329YH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com