Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2920L030DR Datasheet(PDF) 3 Page - Littelfuse

Part # 2920L030DR
Description  2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L030DR Datasheet(HTML) 3 Page - Littelfuse

  2920L030DR Datasheet HTML 1Page - Littelfuse 2920L030DR Datasheet HTML 2Page - Littelfuse 2920L030DR Datasheet HTML 3Page - Littelfuse 2920L030DR Datasheet HTML 4Page - Littelfuse 2920L030DR Datasheet HTML 5Page - Littelfuse 2920L030DR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
53
©2009 Littelfuse, Inc.
Revised: December 2, 2009
POLYFUSE® Resettable PTCs
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
Environmental Specifications
Soldering Parameters
Condition
Reflow
Peak Temp/ Duration Time
260°C / 10 Sec
Time above liquids (TAL) 220°C
60 Sec ~ 100 Sec
Preheat 120°C~ 180°C
50 Sec ~ 150 Sec
Storage Condition
0°C~35°C, <
=70%RH
• Recommended reflow methods: IR, vapor phase oven, hot air
oven, N
2 environment for lead–free
• Recommended maximum paste thickness is 0.25mm (0.010 inch)
• Devices can be cleaned using standard industry methods and
solvents.
Note: If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped
State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance change
Humidity Aging
+85°C, 85%,R.H.,1000 hours
-/+5% typical resistance change
Thermal Shock
MIL-STD-20 2, Method 107G
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL–STD–202, Method 215
Vibration
MIL–STD–883C, Method 2007.1,
Condition A
Moisture Sensitivity Level
Level 1, J–STD–020C
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin(Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)


Similar Part No. - 2920L030DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L030 LITTELFUSE-2920L030 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L030 LITTELFUSE-2920L030 Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
More results

Similar Description - 2920L030DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L185DR LITTELFUSE-2920L185DR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com