Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA03S1203A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA03S1203A
Description  2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA03S1203A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA03S1203A Datasheet HTML 1Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 2Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 3Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD02S/D Sries
2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DS_SD02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
2:1 Wide Input Range
Fully regulated Output
Operating Temperature Range –40°C to +85°C
Moisture sensitivity level (MSL) 2
Isolation Voltage 1500 VDC
Complies with EN55022,class A
Lead free, RoHs Compliant
Short circuit protection
3 Years Product Warranty
The SD02S/D series are miniature, SMD Package, isolated 2W DC/DC converters with 1,500VDC isolation. The SD02S/D series
features fully regulated output and wide 2:1 input voltage ranges. The most convenient advantage is the modules with a small
footprint and low package height of 8.0 mm (0.31 inch) on the PCB. These isolated DC/DC converters are the latest offering from
a world leader in power systems technology and manufacturing ― Delta Electronics, Inc.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
SD02S0503A
3.3
500
125
471
2200
70
SD02S0505A
5
400
100
548
1000
73
SD02S0512A
12
167
42
534
170
75
SD02S0515A
15
134
33
582
110
73
SD02D0505A
±5
±200
±50
667
470*
64
SD02D0512A
±12
±83
±21
615
100*
69
SD02D0515A
5
(4.5 ~ 9)
±15
±67
±17
598
40
100
47*
71
SD02S1203A
3.3
500
125
184
2200
73
SD02S1205A
5
400
100
217
1000
77
SD02S1212A
12
167
42
209
170
80
SD02S1215A
15
134
33
220
110
80
SD02D1205A
±5
±200
±50
242
470*
73
SD02D1212A
±12
±83
±21
224
100*
78
SD02D1215A
12
(9 ~ 18)
±15
±67
±17
226
20
25
47*
78
SD02S2403A
3.3
500
125
96
2200
72
SD02S2405A
5
400
100
109
1000
77
SD02S2412A
12
167
42
109
170
80
SD02S2415A
15
134
33
108
110
81
SD02D2405A
±5
±200
±50
119
470*
74
SD02D2412A
±12
±83
±21
112
100*
78
SD02D2415A
24
(18 ~ 36)
±15
±67
±17
110
10
15
47*
80
SD02S4803A
3.3
500
125
49
2200
71
SD02S4805A
5
400
100
57
1000
73
SD02S4812A
12
167
42
53
170
79
SD02S4815A
15
134
33
55
110
79
SD02D4805A
±5
±200
±50
62
470*
71
SD02D4812A
±12
±83
±21
57
100*
77
SD02D4815A
48
(36 ~ 75)
±15
±67
±17
57
8
10
47*
77
* For each output


Similar Part No. - DA03S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA03S1203A DELTA-DA03S1203A Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA03S1203A DELTA-DA03S1203A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DA03S1203A DELTA-DA03S1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA03S1203A DELTA-DA03S1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DA03S1203A DELTA-DA03S1203A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DA03S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com