Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6329VL Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6329VL
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6329VL Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6329VL Datasheet HTML 3Page - Maxim Integrated Products MAX6329VL Datasheet HTML 4Page - Maxim Integrated Products MAX6329VL Datasheet HTML 5Page - Maxim Integrated Products MAX6329VL Datasheet HTML 6Page - Maxim Integrated Products MAX6329VL Datasheet HTML 7Page - Maxim Integrated Products MAX6329VL Datasheet HTML 8Page - Maxim Integrated Products MAX6329VL Datasheet HTML 9Page - Maxim Integrated Products MAX6329VL Datasheet HTML 10Page - Maxim Integrated Products MAX6329VL Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
logic low on MR asserts reset while the regulator is still
within tolerance.
Reset remains asserted while MR is low and for the
reset timeout period (100ms min) after MR returns high.
The MR input has an internal pullup of 20k
Ω (typ) to
OUT. This input can be driven with TTL/CMOS logic
levels or with open-drain/collector outputs. Connect a
normally open momentary switch from MR to GND to
create a manual reset function; external debounce cir-
cuitry is not required. If MR is driven from long cables
or the device is used in a noisy environment, connect a
0.1µF capacitor from MR to GND to provide additional
noise immunity.
Reverse Leakage Protection
An internal circuit monitors the input and output volt-
ages. When the output voltage is greater than the input
voltage, the internal pass transistor and parasitic
diodes turn off. OUT powers the device. There is no
leakage path from OUT to IN. Therefore, the output can
be powered from an auxiliary supply such as a backup
battery without any need for additional blocking diodes.
Current Limit
The MAX6329/MAX6349 include a current limiter that
monitors and controls the pass transistor’s gate voltage,
limiting the output current to 350mA (typ). The output can
be shorted to ground for an indefinite period without
damaging the part.
Thermal Overload Protection
When the junction temperature exceeds TJ = +160°C,
the thermal sensor signals the shutdown logic, turning
off the pass transistor and allowing the IC to cool. The
thermal sensor will turn the pass transistor on again
after the IC’s junction temperature cools by 20°C,
resulting in a pulsed output during continuous thermal-
overload conditions. Thermal overload protection is
designed to protect the MAX6329/MAX6349 in the
event of fault conditions. For continuous operation, do
not exceed the absolute maximum junction temperature
rating of TJ = +150°C.
Operating Region and Power Dissipation
The MAX6329/MAX6349s’ maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and the ambient air, and the rate of airflow.
The power dissipation across the device is:
P = IOUT (VIN - VOUT)
The maximum power dissipation is:
PMAX = (TJ - TA) / (
θJB + θBA)
where TJ - TA is the temperature difference between the
die junction and the surrounding air,
θJB (or θJC) is the
thermal resistance of the package, and
θBA is the ther-
mal resistance through the printed circuit board, copper
traces, and other materials to the surrounding air.
The MAX6329/MAX6349s’ ground pin (GND) performs
the dual function of providing an electrical connection
to the system ground and channeling heat away.
Connect GND to the system ground using a large pad
or ground plane.
Applications Information
Output Voltage Selection
The MAX6329/MAX6349 feature dual mode operation:
they operate in either a preset voltage mode or an
adjustable mode. In preset voltage mode, internal
feedback resistors set the MAX6329/MAX6349 to
+3.3V, +2.5V, or +1.8V (see Selector Guide). Select this
mode by connecting SET to ground. In adjustable
mode, select an output between 1.23V to 5.0V using
two external resistors connected as a voltage divider to
SET (Figure 1). The output voltage is set by the following
equation:
VOUT = VSET (1 + R1/R2)
where VSET = 1.23V. To simplify resistor selection:
R1 = R2 (VOUT/VSET - 1)
Choose R2
≥ 100kΩ to optimize power consumption,
accuracy, and high-frequency power-supply rejection.
Since the VSET tolerance is typically less than ±30mV,
the output can be set using fixed resistors instead of
variable resistors. In preset voltage mode, impedance
between SET and ground should be less than 50k
Ω.
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
8
_______________________________________________________________________________________


Similar Part No. - MAX6329VL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329VL MAXIM-MAX6329VL Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6329VL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com