Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6861UK225 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6861UK225
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6861UK225 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6861UK225 Datasheet HTML 1Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 2Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 3Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 4Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 5Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 6Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 7Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 8Page - Maxim Integrated Products MAX6861UK225 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
5
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
ISINK (
µA)
4000
3000
2000
1000
0.05
0.10
0.15
0.20
0.25
0.30
0
05000
VCC = 1.8V
VCC = 3.3V
VCC = 2.5V
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
ISOURCE (
µA)
800
600
400
200
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0
1000
VCC = 1.8V
VCC = 3.3V
VCC = 2.5V
SUPPLY CURRENT vs. WATCHDOG
SWITCHING FREQUENCY
WATCHDOG SWITCHING FREQUENCY (Hz)
1M
100k
10k
1k
100
1
10
100
0.1
10
10M
VCC = 2.5V
VCC TO RESET DELAY
MAX6854 toc11
10
µs/div
200mV/div
1.7V
1.5V
VCC
RESET
0
1V/div
VTH = 1.575V
tRD
MANUAL RESET DELAY
MAX6854 toc12
200ns/div
1V/div
MR
RESET
1V/div
tMRD
Typical Operating Characteristics (continued)
(VCC = +2.5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6861UK225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6861UK225 MAXIM-MAX6861UK225 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6861UK225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com