Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6862UK26 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6862UK26
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6862UK26 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6862UK26 Datasheet HTML 2Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 3Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 4Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 5Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 6Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 7Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 8Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 9Page - Maxim Integrated Products MAX6862UK26 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
6
_______________________________________________________________________________________
MAX6854/MAX6855/MAX6856 Pin Description
PIN
MAX6854/
MAX6856
MAX6855
NAME
FUNCTION
1—
RESET
Active-Low Open-Drain or Push-Pull Reset Output. RESET transitions from high to
low when VCC drops below the selected reset threshold or MR is pulled low.
RESET remains low for the reset timeout period after VCC exceeds the device
reset threshold and MR deasserts. Push-pull RESET outputs are referenced to
VCC. Open-drain RESET outputs require an external pullup resistor.
2, 4
2, 4
GND
Ground. Connect all GND inputs to the same potential.
33
MR
Active-Low Manual Reset Input. Drive MR low to initiate a reset. The reset output
remains asserted while MR is held low and for the reset timeout period after MR
transitions high. Leave MR unconnected or connect to VCC if unused. MR is
internally pulled up to VCC through 10k
Ω.
55
VCC
Supply Voltage. Input for VCC reset monitor. For noisy systems, bypass VCC with
a 0.1µF capacitor to GND.
—1
RESET
Active-High Push-Pull Reset Output. RESET transitions from low to high when
VCC drops below the selected reset threshold or MR is pulled low. RESET
remains high for the reset timeout period after VCC exceeds the device reset
threshold and MR deasserts. RESET is referenced to VCC.
MAX6858/MAX6860 Pin Description
PIN
MAX6858/
MAX6860
NAME
FUNCTION
1, 2
I.C.
Internally Connected. For increased noise immunity, connect I.C. to GND.
3
GND
Ground
4
RESET
Active-Low Open-Drain or Push-Pull Reset Output. RESET transitions from high to low when VCC
drops below the selected reset threshold. RESET remains low for the reset timeout period after
VCC exceeds the device reset threshold. Push-pull RESET outputs are referenced to VCC. Open-
drain RESET outputs require an external pullup resistor.
5VCC
Supply Voltage. Input for VCC reset monitor. For noisy systems, bypass VCC with a 0.1µF
capacitor to GND.


Similar Part No. - MAX6862UK26

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6862UK26 MAXIM-MAX6862UK26 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6862UK26

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com