Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SE3R305PNFB Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S36SE3R305PNFB
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE3R305PNFB Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S36SE3R305PNFB Datasheet HTML 1Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 2Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 3Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 4Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 5Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 6Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 7Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 8Page - Delta Electronics, Inc. S36SE3R305PNFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS_S36SE3R305_10082013
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum, nominal,
and maximum input voltage at 25°C.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
15
20
25
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE(V)
Figure 3: Typical full load input characteristics at room
temperature.
Figure 4: (For negative remote on/off logic) Turn-on transient at
full rated load current (5 ms/div). Vin=48V. Top Trace: Vout, 1V/div;
Bottom Trace: ON/OFF input, 5V/div.
Figure 5: (For negative remote on/off logic) Turn-on transient at
zero load current (5 ms/div). Vin=48V. Top Trace: Vout, 1V/div,
Bottom Trace: ON/OFF input, 5V/div.
Figure 6: (For positive remote on/off logic) Turn-on transient at full
rated load current (5 ms/div). Vin=48V. Top Trace: Vout, 1V/div;
Bottom Trace: ON/OFF input, 5V/div.


Similar Part No. - S36SE3R305PNFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305PNFB DELTA-S36SE3R305PNFB Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE3R305PNFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com