Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6864UK16D3S Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6864UK16D3S
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6864UK16D3S Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6864UK16D3S Datasheet HTML 1Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 2Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 3Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 4Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 5Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 6Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 7Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 8Page - Maxim Integrated Products MAX6864UK16D3S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 2.5V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, Open-Drain RESET to GND ..........................-0.3V to +6.0V
MR, Push-Pull RESET, RESET,
WDI, CT, I.C............................................-0.3V to (VCC + 0.3V)
Input Current, Output Current (all pins)............................±20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA
≥ 0°C
1.1
5.5
Supply Voltage
VCC
TA = -40°C to +85°C
1.2
5.5
V
VCC = 5.0V
210
400
VCC = 3.3V
190
380
VCC > VTH, no load,
reset output
deasserted (Note 2)
VCC = 1.8V
170
370
nA
Supply Current
ICC
VCC < VTH, no load, reset output asserted
715
µA
VCC Reset Threshold
VTH
VCC falling (see Table 2)
VTH -
2.5%
VTH
VTH +
2.5%
V
Reset Threshold Hysteresis
VHYST
Reset asserted to reset deasserted
0.5
%VTH
D1
10
15
25
D2
40
60
80
D3
150
225
300
D4
1200
1800
2400
D5
300
450
600
Reset Timeout Period
tRP
VCC = VTH + 150mV
(Figures 2 and 3)
D6
600
900
1200
ms
VCC to Reset Delay
tRD
VCC falling from (VTH + 100mV) to
(VTH - 100mV) at 10mV/µs
40
µs
VCC
≥ 1.1V, ISINK = 50µA,
RESET asserted, TA
≥ 0°C
0.3
VCC
≥ 1.2V, ISINK = 100µA,
RESET asserted
0.3
VOL
VCC
≥ 2.12V, ISINK = 1.2mA,
RESET asserted
0.3
VCC
≥ 1.71V, ISOURCE = 200µA,
RESET deasserted, push-pull RESET only
0.8 x VCC
RESET Output Voltage
VOH
VCC
≥ 2.38V, ISOURCE = 500µA,
RESET deasserted, push-pull RESET only
0.8 x VCC
V
Open-Drain RESET Leakage
Current
ILKG
RESET deasserted
25
nA


Similar Part No. - MAX6864UK16D3S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D3S MAXIM-MAX6864UK16D3S Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6864UK16D3S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com