Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SE Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S36SE
Description  17W Single output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S36SE Datasheet HTML 1Page - Delta Electronics, Inc. S36SE Datasheet HTML 2Page - Delta Electronics, Inc. S36SE Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS_S36SE_07202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechanical Drawing
Mechanical Dimensions
Pin Connections
Pin
Function
1
+Vin
2
-Vin
3
on/off
4
-Vout
5
Trim
6
+Vout
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.010)
Pins Diameter : ±0.10(±0.004)
Physical Outline
Case Size
:
29.4x25.6x10.2mm (1.16x1.01x0.40 Inches)
Case Material
:
Al alloy; finish: anodize black
Baseplate material
No conductive FR-4
Pin material
Copper with matte Tin plating and Nickel under plating
Weight
:
18.0grams
Part Numbering System
S
36
S
E
3R3
05
N
R
F
G
Form
factor
Input
voltage
Number
of output
Product
series
Output
voltage
Output
current
On/off
logic
Pin length
Option
Code
3R3 - 3.3V
05 - 5A
N -
negative
K - 0.110”
F - RoHS 6/6
050 - 5V
03 - 3A
P - Positive
N - 0.146”
(Lead Free)
120 - 12V
01 – 1A
R - 0.171”
Space -
RoHS5/6
D - 0.24”
S -
36 -
18~75V
S - single
E -
S - 0.189”
G - with
metal case
WARRANTY
Delta offers a three (3) years limited warranty.Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P3


Similar Part No. - S36SE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003 DELTA-S36SE05003 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE05003EKFA DELTA-S36SE05003EKFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EKFB DELTA-S36SE05003EKFB Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFA DELTA-S36SE05003EMFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFB DELTA-S36SE05003EMFB Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
More results

Similar Description - S36SE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305 DELTA-S36SE3R305_12 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com