Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-3100A-24-21PW Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 97-3100A-24-21PW
Description  Amphenol 97 Series Standard Cylindrical Connector
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3100A-24-21PW Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button 97-3100A-24-21PW Datasheet HTML 2Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 3Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 4Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 5Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 6Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 7Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 8Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 9Page - Amphenol Corporation 97-3100A-24-21PW Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
4
97 series solder type
insert availability
Insert Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches
mm
0
4
8
12
16
8S-1
1
1/16
1.57
INST.
1
10SL-3
3
1/16
1.57
A
3
10SL-4
2
1/16
1.57
A
2
12SL-844*
4
1/16
1.57
A
4
12S-3
2
1/16
1.57
A
2
12-5
1
1/8
3.18
D
1
12S-6*
2
1/16
1.57
2
14S-1†
3
1/16
1.57
A
3
14S-2
4
INST.
4
14S-4†1
1/8
3.18
D
1
14S-5
5
INST
5
14S-6
6
INST.
6
14S-7
3
1/16
1.57
A
3
14S-9†
2
1/16
1.57
A
2
16S-1
7
1/16
1.57
A
7
16S-4
2
1/8
3.18
D
2
16S-5
3
1/16
1.57
A
3
16S-6
3
1/16
1.57
A
3
16-7
3
1/16
1.57
A
1
2
16S-8
5
1/16
1.57
A
5
16-9
4
1/16
1.57
A
2
2
16-10
3
1/16
1.57
A
3
16-11
2
1/16
1.57
A
2
16-12
1
1/16
1.57
A
1
16-13
2
1/16
1.57
A
2
18-1
10
1/16
1.57
A4
INST.
6
18-3†
2
1/8
3.18
D
2
18-4
4
1/8
3.18
D
4
18-5
3
1/8
3.18
D
2
1
18-8
8
1/16
1.57
A
1
7
18-9
7INST.
2
5
18-10†
4
1/16
1.57
A
4
18-11
5
1/16
1.57
A
5
18-12†
6
1.16
1.57
A
6
18-13
4
1/16
1.57
A
1
3
18-16
1
5/16
7.92
C
1
18-19†
10
1/16
1.57
A
10
18-20
5
1/16
1.57
A
5
18-22†
3
1/8
3.18
D
3
18-29
5
1/16
1.57
A
5
18-420*
1
1
20-3†
3
1/8
3.18
D
3
20-4
4
1/8
3.18
D
4
20-6†
3
1/8
3.18
D
3
20-7
8
1/8
3.18
D
4
1/16
1.57
A
4
20-8
6
INST.
2
4
20-11†
13
INST.
13
20-14
5
1/16
1.57
A
2
3
20-15
7
1/16
1.57
A
7
20-16
9
1/16
1.57
A
2
7
20-17
6
1/16
1.57
A
5
1
20-18
9
1/16
1.57
A
3
6
20-19†
3
1/16
1.57
A
3
20-21
9
1/16
1.57
A
1
8
20-23
2
1/16
1.57
A
2
20-24
4
1/16
1.57
A
2
2
20-27
14
1/16
1.57
A
14
20-29
17
1/16
1.57
A
17
20-33
11
1/16
1.57
A
11
22-1†
2
1/8
3.18
D
2
22-2
3
1/8
3.18
D
3
22-4†
4
1/16
1.57
A
2
2
22-5
6
1/8
3.18
D
2
4
22-8†
2
3/16
4.75
E
2
22-9
3
3/16
4.75
E
3
22-10
4
3/16
4.75
E
4
22-11
2
1/4
6.35
B
2
22-12
5
1/8
3.18
D
2
3
22-13†
5
1/8
3.18
D
1
1/16
1.57
A
4
22-14
19
1/16
1.57
A
19
22-15
6
3/16
4.75
E
1
1/16
1.57
A
5
22-16†
9
1/16
1.57
A
3
6
22-18
8
1/8
3.18
D
5
1/16
1.57
A
3
22-19
14
1/16
1.57
A
14
22-20†
9
1/16
1.57
A
9
22-22
4
1/16
1.57
A
4
22-23
8
1/8
3.18
D
1
1/16
1.57
A
7
Insert Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches
mm
0
4
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
** Hi-Voltage = 17KVAC/24KVDC
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.


Similar Part No. - 97-3100A-24-21PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3100A-14S-1P ETC1-97-3100A-14S-1P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-1S ETC1-97-3100A-14S-1S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-2P ETC1-97-3100A-14S-2P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-2S ETC1-97-3100A-14S-2S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-5P ETC1-97-3100A-14S-5P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3100A-24-21PW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
   Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-69518-11S AMPHENOL-10-69518-11S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com