Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SE05005NRFG Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S36SE05005NRFG
Description  17W Single output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE05005NRFG Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S36SE05005NRFG Datasheet HTML 1Page - Delta Electronics, Inc. S36SE05005NRFG Datasheet HTML 2Page - Delta Electronics, Inc. S36SE05005NRFG Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS_S36SE_07202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Output Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%Vo
Output Voltage Balance
Dual Output, Balanced Loads
---
---
---
%Vo
Line Regulation
Vin=18V to 75V
---
---
10
mV
Load Regulation
Io=0% to 100%
10
mV
Ripple & Noise (20MHz)
3.3V, 1uF ceramic, 10uF tantalum
---
50
---
mV P-P
Ripple & Noise (20MHz)
5V, 1uF ceramic, 10uF tantalum
---
50
---
mV P-P
Ripple & Noise (20MHz)
12V, 1uF ceramic, 10uF tantalum
---
50
---
mV P-P
Total Outupt Voltage Range
Over load, line and temperature
---
---
±3
%Vo
Output DC Current-Limit Range
Output Voltage 10% Low
110
150
%Iomax
Short Output Protection
Continuous, Auto-recovery
Output Over-Voltage Protection
115
150
%Vo
General Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
---
---
1500
VDC
I/O Isolation Resistance
10
---
---
MΩ
I/O Isolation Capacitance
---
1000
pF
Switching Frequency
450
KHz
MTBF (calculated)
Io=80%Iomax, Ta=25
℃,300LFM
-----
5M
-----
Hours
Recommend External Input Fuse
All Models
2000mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-40
-30
-20
-10
0
102030405060708090
100
110
Ambient Temperature (℃)
Output Power(%)
Natural
Convection
S36SE3R305 (Encapsulation) Output Power vs. Ambient Temperature at Natural Convection
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
All DC/DC converters should be externally fused at the front end for protection.
4
Specifications are subject to change without notice.
P2


Similar Part No. - S36SE05005NRFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003 DELTA-S36SE05003 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE05003EKFA DELTA-S36SE05003EKFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EKFB DELTA-S36SE05003EKFB Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFA DELTA-S36SE05003EMFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFB DELTA-S36SE05003EMFB Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
More results

Similar Description - S36SE05005NRFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305 DELTA-S36SE3R305_12 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com