Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SE12002ENFZ Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # S36SE12002ENFZ
Description  Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE12002ENFZ Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  S36SE12002ENFZ Datasheet HTML 1Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 2Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 3Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 4Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 5Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 6Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 7Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 8Page - Delta Electronics, Inc. S36SE12002ENFZ Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS_S36SE12002PRFZ_10252013
5
Figure 9: Output voltage response to step-change in load current
(50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF tantalum
capacitor and 1µF ceramic capacitor. Top Trace: Vout (100mV/div,
100us/div), Bottom Trace: Iout (0.5A/div). Scope measurement
should be made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3 inches)
from the module.
Figure 10: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset possible
battery impedance. Measure current as shown below.
ELECTRICAL CHARACTERISTICS CURVES
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (20mA/div, 1us/div)
Figure 12: Input reflected ripple current, is, through a 12µH source
inductor at nominal input voltage and rated load current
(20 mA/div, 2us/div)


Similar Part No. - S36SE12002ENFZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
More results

Similar Description - S36SE12002ENFZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com