Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S48SP05007ERFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SP05007ERFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP05007ERFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SP05007ERFA Datasheet HTML 1Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
High efficiency: 90% @5V/7A
Industry standard 1x2 pin out
Size: 33.0x24.4x8.55mm
(1.30”x0.96”x0.34”)
SMD and Through-hole versions
Fixed frequency operation
2:1 input voltage range
Input UVLO, OVP
OTP and output OCP, OVP (default is
auto-restart)
Output voltage trim ±10%
Negative On/Off
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) recognized,
APPLICATIONS
Optical Transport
Data Networking
Communications, including Wireless and
traditional Telecom
Servers
OPTIONS
Positive On/Off or no On/Off
OTP and Output OVP, OCP mode,
Auto recovery (default) or latch-up
SMD module available
Short pin lengths
Encapsulated case optional
Delphi Series S48SP, 35W 1x1 Brick
DC/DC Power Modules: 48V in, 5V/7A out
The Delphi Series S48SP, 1x1 Brick, 48V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing -- Delta Electronics, Inc. This
product family is available in a surface mount or through-hole package
and provides up to 35 watts of power or 10A of output current (3.3V and
below) in a new 1x1 form factor (1.3”x0.96”). The pinout is compatible
with the industry standard 1x2 products. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
Typical efficiency of the 5V/7A module is 90%. All modules are fully
protected against abnormal input/output voltage, current, and
temperature conditions.
DATASHEET
DS_S48SP05007_10252013


Similar Part No. - S48SP05007ERFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007NRFA DELTA-S48SP05007NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   SMD and Through-hole versions
More results

Similar Description - S48SP05007ERFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com