Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ02S1203A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PZ02S1203A
Description  1W DC/DC CONVERTER, SIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PZ02S1203A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PZ02S1203A Datasheet HTML 1Page - Delta Electronics, Inc. PZ02S1203A Datasheet HTML 2Page - Delta Electronics, Inc. PZ02S1203A Datasheet HTML 3Page - Delta Electronics, Inc. PZ02S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_PF01S_07052012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
Output Voltage Tolerance
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will
not damage these modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
5V & 12V Input Models:
T=6.1[0.24]
24V Input Models:
T=7.1[0.28]
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Outline
Case Size (5&12V
Input)
:
19.5x6.1x10.2mm (0.77x0.24x0.40 Inches)
Case Size (24V Input)
:
19.5x7.1x10.2mm (0.77x0.28x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight (5&12V Input)
:
2.2g
Weight (24V Input)
:
2.6g
P3
0%
20%
40%
60%
80%
100%
Output Load Current (%)
Max.
Typ.
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
Min.
19.5 [0.77]
0.50
[0.02]
Bottom View
18.5 [0.73]
2.54
[0.10]
7.62
[0.30]
[0.20]
[0.09]
2.35
0.50
[0.02]
5.08
12
5
7


Similar Part No. - PZ02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PZ02S1203A DELTA-PZ02S1203A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PZ02S1203A DELTA-PZ02S1203A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PZ02S1203A DELTA-PZ02S1203A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PZ02S1203A DELTA-PZ02S1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PZ02S1203A DELTA-PZ02S1203A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PZ02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com