Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48SR05005PNFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # T48SR05005PNFA
Description  Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR05005PNFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  T48SR05005PNFA Datasheet HTML 1Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 2Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 3Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR05005PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS_ T48SR05005_09282012
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt =1A/µs). Load cap: 400µF,
ceramic capacitor. Top Trace: Vout (100mV/div,200us/div);
Bottom Trace: output current(1.5A/div, 200us/div)
Figure 9: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt =1A/µs). Load cap: 400µF
ceramic capacitor. Top Trace: Vout (100mV/div,200us/div);
Bottom Trace: output current(1.5A/div, 200us/div)
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Top picture: standard test setup.
Bottom picture: Add one 1uH inductor in front of module input.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Top trace: Input Terminal Ripple Current, ic, at full
rated output current and nominal input voltage with 12µH
source impedance and 100µF electrolytic capacitor (2A/div,
2us/div), Setup is shown in Figure 10 top picture.
Bottom trace: Input Terminal Ripple Current, ic, at
full rated output current and nominal input voltage with 12µH
source impedance and 100µF electrolytic capacitor (2A/div,
2us/div), Setup is shown in Figure 10 bottom picture, there is
one 1uH inductor in front of module input side.


Similar Part No. - T48SR05005PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005 DELTA-T48SR05005 Datasheet
439Kb / 12P
   High efficiency : 86% @ 5V/5A
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Fixed frequency operation
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR05005PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com