Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFO63RGL Datasheet(PDF) 3 Page - Tyco Electronics

Part # ASFO63RGL
Description  Slide Switches, Auto-insertable, Through Hole and Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASFO63RGL Datasheet(HTML) 3 Page - Tyco Electronics

  ASFO63RGL Datasheet HTML 1Page - Tyco Electronics ASFO63RGL Datasheet HTML 2Page - Tyco Electronics ASFO63RGL Datasheet HTML 3Page - Tyco Electronics ASFO63RGL Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASE/F Series
B7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Extended Actuator, Through Hole and Surface Mount
.150
(3.81)
.
.150
(3.81)
.
.050
(1.27)
.150
(3.81)
.175
(4.44)
.060
(1.52)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.290
(7.37)
MAX.
A
.320
(8.13)
.
.010
(0.25)
TYP.
.320
(8.13)
.
.175
(4.44)
.050
(1.27)
.010
(0.25)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.290
(7.37)
MAX.
A
Upright, Surface Mount "S" Type, Extended Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
1437581-6 ASE22GS
DPDT
Gold
.400/10.2
1-1437581-3 ASE22S
DPDT
Silver
.400/10.2
ASE42GS
4PDT
Gold
.700/17.8
2-1437581-4 ASE42S
4PDT
Silver
.700/17.8
ASE43GS
4P3T
Gold
1.10/27.9
ASE43S
4P3T
Silver
1.10/27.9
ASE62GS
6PDT
Gold
1.00/25.4
ASE62S
6PDT
Silver
1.00/25.4
Right Angle, Surface Mount "L" Type, Extended Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
ASE22RGL
DPDT
Gold
.400/10.2
1-1437581-1 ASE22RL
DPDT
Silver
.400/10.2
2-1437581-1 ASE42RGL
4PDT
Gold
.700/17.8
2-1437581-2 ASE42RL
4PDT
Silver
.700/17.8
ASE43RGL
4P3T
Gold
1.10/27.9
ASE43RL
4P3T
Silver
1.10/27.9
3-1437581-8 ASE62RGL
6PDT
Gold
1.00/25.4
3-1437581-9 ASE62RL
6PDT
Silver
1.00/25.4
Right Angle, Surface Mount "S" Type, Extended Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
1-1437581-0 ASE22RGS
DPDT
Gold
.400/10.2
1-1437581-2 ASE22RS
DPDT
Silver
.400/10.2
ASE42RGS
4PDT
Gold
.700/17.8
2-1437581-3 ASE42RS
4PDT
Silver
.700/17.8
ASE43RGS
4P3T
Gold
1.10/27.9
ASE43RS
4P3T
Silver
1.10/27.9
ASE62RGS
6PDT
Gold
1.00/25.4
ASE62RS
6PDT
Silver
1.00/25.4
S Type Surface Mount
.315
8.00
.110
2.79
.020±.002
.508±.051
.100±.005
2.54±.127
.150
3.81
.085
2.16
.075
1.91
.290
7.37
.100
2.54
.030+.006/-.002
.762+.152/-.051
.175
4.45
.055
1.40
.050
1.27
A
*Side Actuator Only
.075
1.91
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.


Similar Part No. - ASFO63RGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
logo
Abracon Corporation
ASF1 ABRACON-ASF1 Datasheet
99Kb / 1P
   5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASF1 ABRACON-ASF1 Datasheet
193Kb / 2P
   5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF130 ASB-ASF130 Datasheet
536Kb / 11P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results

Similar Description - ASFO63RGL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437586-0 MACOM-2-1437586-0 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-9 MACOM-2-1437586-9 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-4 MACOM-2-1437587-4 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-8 MACOM-2-1437587-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP0204 MACOM-ADP0204 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-3 MACOM-2-1437586-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-0 MACOM-2-1437587-0 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com