Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9424 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SI9424
Description  Single P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI9424 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SI9424 Datasheet HTML 1Page - Fairchild Semiconductor SI9424 Datasheet HTML 2Page - Fairchild Semiconductor SI9424 Datasheet HTML 3Page - Fairchild Semiconductor SI9424 Datasheet HTML 4Page - Fairchild Semiconductor SI9424 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si9424DY Rev.A
Si9424DY
Single P-Channel 2.5V Specified PowerTrench® MOSFET
General Description
This P-Channel 2.5V specified MOSFET is produced
using
Fairchild
Semiconductor's
advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain superior
switching performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
Applications
DC/DC converter
Load switch
Battery Protection
January 2001
Features
-8.0 A, -20 V. R
DS(on)
= 0.024
Ω @ V
GS
= -4.5 V
R
DS(on)
= 0.032
Ω @ V
GS
= -2.5 V.
Low gate charge (23nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
High power and current handling capability.
©2001 Fairchild Semiconductor International
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±10
V
ID
Drain Current
- Continuous
(Note 1a)
-8.0
A
- Pulsed
-50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
9424
Si9424DY
13’’
12mm
2500 units
S
D
S
S
SO-8
D
D
D
G
5
6
8
3
1
7
4
2


Similar Part No. - SI9424

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
logo
VBsemi Electronics Co.,...
SI9424DY-T1-E3 VBSEMI-SI9424DY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SI9424

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com