Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASF22RGS Datasheet(PDF) 4 Page - Tyco Electronics

Part # ASF22RGS
Description  Slide Switches, Auto-insertable, Through Hole and Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASF22RGS Datasheet(HTML) 4 Page - Tyco Electronics

  ASF22RGS Datasheet HTML 1Page - Tyco Electronics ASF22RGS Datasheet HTML 2Page - Tyco Electronics ASF22RGS Datasheet HTML 3Page - Tyco Electronics ASF22RGS Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
ASE/F Series
Slide Switches, Flush Actuator, Through Hole and Surface Mount
Upright, Through Hole, Flush Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
5-1437581-6 ASF22
DPDT
Silver
.400/10.2
5-1437581-8 ASF22G
DPDT
Gold
.400/10.2
6-1437581-8 ASF42
4PDT
Silver
.700/17.8
7-1437581-0 ASF42G
4PDT
Gold
.700/17.8
7-1437581-8 ASF43
4P3T
Silver
1.10/27.9
7-1437581-9 ASF43G
4P3T
Gold
1.10/27.9
8-1437581-4 ASF62
6PDT
Silver
1.00/25.4
8-1437581-6 ASF62G
6PDT
Gold
1.00/25.4
Right Angle, Through Hole, Flush Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
6-1437581-2 ASF22R
DPDT
Silver
.400/10.2
6-1437581-3 ASF22RG
DPDT
Gold
.400/10.2
7-1437581-3 ASF42R
4PDT
Silver
.700/17.8
7-1437581-4 ASF42RG
4PDT
Gold
.700/17.8
ASF43R
4P3T
Silver
1.10/27.9
8-1437581-2 ASF43RG
4P3T
Gold
1.10/27.9
8-1437581-9 ASF62R
6PDT
Silver
1.00/25.4
9-1437581-1 ASF62RG
6PDT
Gold
1.00/25.4
Upright, Surface Mount "L" Type, Flush Actuator
Tyco
Alcoswitch
Type
Contact
Dim A
Electronics
5-1437581-9 ASF22GL
DPDT
Gold
.400/10.2
6-1437581-1 ASF22L
DPDT
Silver
.400/10.2
7-1437581-1 ASF42GL
4PDT
Gold
.700/17.8
7-1437581-2 ASF42L
4PDT
Silver
.700/17.8
8-1437581-0 ASF43GL
4P3T
Gold
1.10/27.9
8-1437581-1 ASF43L
4P3T
Silver
1.10/27.9
8-1437581-7 ASF62GL
6PDT
Gold
1.00/25.4
8-1437581-8 ASF62L
6PDT
Silver
1.00/25.4
.290
7.37
.020±.002
.508±.051
.315±.002
8.00±.051
.290
7.37
.320±.015
8.12±.381
.150
3.81
.100
2.54
.354
8.99
.075
1.91
A
B
L Type Surface Mount
.085
2.16
.150
3.81
.075
1.91
.085
2.16
.100±.005
2.54±.127
.160
4.06
.060
1.52
.050
1.27
.055
1.39
.205
5.21
.020±.002
Typ.
.508±.051
.010±.002
Typ.
.254±.051
.100
2.54
.042
1.07
.175
4.45
A
.100±.005
2.54±.127
.290
7.37
.320±.015
8.12±.381
.160
4.06
.065
1.65
.020±.002
Typ.
.508±.051
.010±.002
Typ.
.254±.051
.150
3.81
.100
2.54
.042
1.07
.175
4.45
A
.100±.005
2.54±.127
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.
NOTE: See Page B10 for Circuit Diagram
and Recommended PC Board Layout.


Similar Part No. - ASF22RGS

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF240 ASB-ASF240 Datasheet
372Kb / 6P
   5-1000 MHz MMIC Amplifier
September 2011
ASF240 ASB-ASF240 Datasheet
537Kb / 8P
   5 ~ 1000 MHz MMIC Amplifier
February 2017
ASF240 ASB-ASF240_17 Datasheet
537Kb / 8P
   5 ~ 1000 MHz MMIC Amplifier
February 2017
ASF250 ASB-ASF250 Datasheet
338Kb / 5P
   5-1000 MHz MMIC Amplifier
October 2012
ASF250 ASB-ASF250 Datasheet
502Kb / 8P
   5 ~ 1000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASF22RGS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437586-0 MACOM-2-1437586-0 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-9 MACOM-2-1437586-9 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-4 MACOM-2-1437587-4 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-8 MACOM-2-1437587-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP0204 MACOM-ADP0204 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-3 MACOM-2-1437586-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-0 MACOM-2-1437587-0 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com