Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39616300440 Datasheet(PDF) 1 Page - Littelfuse

Part # 39616300440
Description  396 Series, TE5, Time-Lag Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

39616300440 Datasheet(HTML) 1 Page - Littelfuse

  39616300440 Datasheet HTML 1Page - Littelfuse 39616300440 Datasheet HTML 2Page - Littelfuse 39616300440 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: May 6, 2009
183
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
396 Series
TE5® > Time-Lag > 396 Series
Please refer to www.littelfuse.com/series/396.html for current information.
396 Series, TE5®,Time-Lag Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
File number:
E 67006
50mA - 6.3A
File number:
E 67006
50mA - 6.3A
JET1896-31007-1002
1A - 5A
Features
Electrical Characteristics
Electrical Characteristics
Amp Code
Rated
Current
Voltage
Rating
Breaking Capacity
Voltage
Drop
1.0 x I
N
max. (mV)
Power
Dissipation
1.0 x I
N
max. (mW)
Melting
Integral
10 x I
N
min. (A2s)
Agency Approvals
0050
50mA
ϕ = 1.0
900
45
0.0056
xx
0063
63mA
800
50
0.009
x
x
0080
80mA
700
55
0.014
x
x
0100
100mA
600
60
0.025
x
x
0125
125mA
550
70
0.044
x
x
0160
160mA
480
80
0.058
x
x
0200
200mA
390
80
0.1
x
x
0250
250mA
350
90
0.17
x
x
0315
315mA
300
95
0.26
x
x
0400
400mA
250
100
0.32
x
x
0500
500mA
220
110
0.58
x
x
0630
630mA
210
135
0.75
x
x
0800
800mA
160
130
0.98
x
x
1100
1.00A
155
155
2.2
x
x
x
1125
1.25A
145
185
3.8
x
x
x
1160
1.60A
130
210
5.2
x
x
x
1200
2.00A
125
250
7.5
x
x
x
1250
2.50A
120
300
14
x
x
x
1315
3.15A
110
350
22
x
x
x
1400
4.00A
110
400
27
x
x
x
1500
5.00A
95
475
59
x
x
x
1630
6.30A
95
570
100
x
x
% of Ampere
Rating
OpeningTime
200%
Max.
®
Description
Applications


Similar Part No. - 39616300440

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
FCI connector
396114745V1 FCI-CONNECTOR-396114745V1 Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
396114745V1LF FCI-CONNECTOR-396114745V1LF Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
396114755V1 FCI-CONNECTOR-396114755V1 Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
396114755V1LF FCI-CONNECTOR-396114755V1LF Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
More results

Similar Description - 39616300440

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JS BEL-2JS Datasheet
478Kb / 2P
   Time-lag Fuse Series
2JS BEL-2JS_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET BEL-5ET_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5HT BEL-5HT_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ST BEL-5ST_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5VT BEL-5VT_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
logo
Littelfuse
37414000430 LITTELFUSE-37414000430 Datasheet
196Kb / 3P
   374 Series, TR5, Time-Lag Fuse
372 LITTELFUSE-372 Datasheet
993Kb / 3P
   372 Series, TR5 Fuse, Time Lag
0472.500NRT1L LITTELFUSE-0472.500NRT1L Datasheet
446Kb / 3P
   PICO II, Time-Lag Fuse
logo
Bel Fuse Inc.
RST BEL-RST_16 Datasheet
1Mb / 4P
   TIME LAG RADIAL LEAD MICOR FUSE SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com