Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4008R456 Datasheet(PDF) 5 Page - Littelfuse

Part # L4008R456
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4008R456 Datasheet(HTML) 5 Page - Littelfuse

  L4008R456 Datasheet HTML 1Page - Littelfuse L4008R456 Datasheet HTML 2Page - Littelfuse L4008R456 Datasheet HTML 3Page - Littelfuse L4008R456 Datasheet HTML 4Page - Littelfuse L4008R456 Datasheet HTML 5Page - Littelfuse L4008R456 Datasheet HTML 6Page - Littelfuse L4008R456 Datasheet HTML 7Page - Littelfuse L4008R456 Datasheet HTML 8Page - Littelfuse L4008R456 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
79
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 11.3A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
DRM = VRRM
Lxx08xy
T
J = 25°C
400 - 600V
MAX.
20
μA
T
J = 110°C
400 - 600V
0.5
mA
Qxx08xy
T
J = 25°C
400 - 1000V
50
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Qxx08xHy
T
J = 25°C
400 - 800V
10
μA
1000V
20
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
L/Qxx08Ryy /
L/Qxx08Nyy
1.5
°C/W
L/Qxx08Lyy
2.8
L/Qxx08Vyy
2.1
R
θ(J-A)
Junction to ambient
L/Qxx08Ryy
45
°C/W
L/Qxx08Lyy
50
L/Qxx08Vyy
64
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 1: Definition of Quadrants
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
NOTE: Alternistors will not operate in QIV
MT1
MT2
+ I
GT
REF
QII
MT1
IGT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
IGT
GATE
(+)
IGT -
IGT
GATE
(
-)
IGT
GATE
(+)
+
-


Similar Part No. - L4008R456

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4008D6 TECCOR-L4008D6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4008D6 LITTELFUSE-L4008D6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L4008D6 TECCOR-L4008D6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4008D6 LITTELFUSE-L4008D6 Datasheet
176Kb / 8P
   Sensitive Triacs
L4008D6 LITTELFUSE-L4008D6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L4008R456

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com