Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG145LSLTE Datasheet(PDF) 1 Page - Littelfuse

Part # CG145LSLTE
Description  Gas Discharge Tube (GDT) Products
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG145LSLTE Datasheet(HTML) 1 Page - Littelfuse

  CG145LSLTE Datasheet HTML 1Page - Littelfuse CG145LSLTE Datasheet HTML 2Page - Littelfuse CG145LSLTE Datasheet HTML 3Page - Littelfuse CG145LSLTE Datasheet HTML 4Page - Littelfuse CG145LSLTE Datasheet HTML 5Page - Littelfuse CG145LSLTE Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: January 10, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Description
Littelfuse highly reliable CG/CG2 Series GDTs provide
a high degree of surge protection in a small size ideal
for board level circuit protection.
GDTs function as switches which dissipate a
minimum amount of energy and therefore handle
currents that far surpass other types of transient
voltage protection. Their gas-filled, rugged ceramic
metal construction make them well suited to adverse
environments.
The CG/CG2 series comes in a variety of forms
including surface mount, core, straight and shaped
leads, to serve a variety of mounting methods.
The CG Series (75-110V) is ideal for protection of test
and communication equipment and other devices
in which low voltage limits and extremely low arc
voltages are required.
The CG2 Series (145V-1000V) is ideal for protecting
equipment where higher voltage limits and holdover
voltages are necessary.
Features
• Rugged Ceramic-Metal
construction
• Low Capacitance
(<1.5pf)
• Meets REA PE-80
• Available in surface
mount, and a variety of
lead options options
Applications
• Communication lines
and equipment
• CATV equipment
• Test equipment
• Data lines
• Power supplies
• Instrumentation circuits
• Medical electronics
• ADSL equipment
• Telecom SLIC
protection
AGENCY
AGENCY FILE NUMBER
E128662
E320116
Agency Approvals
CG/CG2 Series
2 Electrode GDT Graphical Symbol


Similar Part No. - CG145LSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG145LSLTE LITTELFUSE-CG145LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG145LSLTE LITTELFUSE-CG145LSLTE Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG145LSLTE LITTELFUSE-CG145LSLTE Datasheet
214Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG145LSLTE LITTELFUSE-CG145LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG145LSLTE LITTELFUSE-CG145LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
More results

Similar Description - CG145LSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com