Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG31.5 Datasheet(PDF) 4 Page - Littelfuse

Part # CG31.5
Description  Gas Discharge Tube (GDT) Products AC and CG3 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG31.5 Datasheet(HTML) 4 Page - Littelfuse

  CG31.5 Datasheet HTML 1Page - Littelfuse CG31.5 Datasheet HTML 2Page - Littelfuse CG31.5 Datasheet HTML 3Page - Littelfuse CG31.5 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: February 19, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
AC and CG3 Series
AC and CG3 Series
Packaging Dimensions
22.8
[0.898]
52.4
[2.063]
6.4
[0.252]
<0.8 Max
<1.2 Max. Lead Bend
5.0 Pitch
[0.197]
For 'LTR' Option Code Axial Lead Items
Direction of Feed
254.0 - 356.0
[10.0 - 14.0]
80.0
[3.15]
8.0 ± 0.2
[0.314 ± 0.008
8.0 ± 0.2
[0.314 ± 0.008
6.0 ± 0.2
0.80DIA. TYP.
[0.031]
62 ± 2
[0.236 ± 0.008]
[2.441 ± 0.079]
PROFILE VIEW
TOP VIEW
7.9 ± 0.3
0.80DIA. TYP.
[0.031]
[0.311 ± 0.012]
A
B
Device Dimensions
Axial
6.0 ± 0.2
[0.236 ± 0.008]
PROFILE VIEW
TOP VIEW
7.9 ± 0.3
[0.311 ± 0.012]
A
B
8.0 ± 0.2
[0.314 ± 0.008
8.0 ± 0.2
[0.314 ± 0.008
Core
Part Numbering System and Ordering Information
CG3 X.X XXX D004
Breakdown Voltage
1.0 = 1000V
1.1 = 1100V
1.2 = 1200V
1.3 = 1300V
1.5 = 1500V
2.0 = 2000V
2.5 = 2500V
2.7 = 2700V
3.0 = 3000V
3.3 = 3300V
4.0 = 4000V
4.5 = 4500V
5.0 = 5000V
6.2 = 6200V
6.5 = 6500V
7.5 = 7500V
Series
CG3
Lead / Packaging Option
= Core (no leads) / Bulk pack, 400 pcs per bag
L
= Leaded / Bulk pack, 50 pcs per tray
LTR = Leaded / Tape & Reel, 500 pcs per reel
Special Suffix Code
Enter this D004 special suffix code when placing orders
for CG36.2, CG36.5 and CG37.5 only
AC XXX XXX
AC Line Voltage
120 = 120V
240 = 240V
Series
Lead / Packaging Option
= Core (no leads) / Bulk pack, 400 pcs per bag
L
= Leaded / Bulk pack, 50 pcs per tray
LTR = Leaded / Tape & Reel, 500 pcs per reel


Similar Part No. - CG31.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG31.5 LITTELFUSE-CG31.5 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG31.51 LITTELFUSE-CG31.51 Datasheet
194Kb / 4P
   AC and CG3 Series Suppressors
CG31.5L LITTELFUSE-CG31.5L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG31.5LTR LITTELFUSE-CG31.5LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
More results

Similar Description - CG31.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC240L LITTELFUSE-AC240L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0L LITTELFUSE-CG35.0L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG33.0 LITTELFUSE-CG33.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com