Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQP8H03B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQP8H03B
Description  Light Touch Switches/EVQP4/P8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP8H03B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQP8H03B Datasheet HTML 1Page - Panasonic Semiconductor EVQP8H03B Datasheet HTML 2Page - Panasonic Semiconductor EVQP8H03B Datasheet HTML 3Page - Panasonic Semiconductor EVQP8H03B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Light Touch Switches/EVQP4/P8
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES108 –
1
E
2
V
3
Q
4
5
6
7
8
9
P
4
8
Product Code
Type
Height
Push Plate Color
Travel Type
Middle Push Travel
Short Push Travel
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac (1 minute)
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
2.5 N, 3.5 N, 5.0 N
1.0 N, 1.6 N, 2.4 N, 3.5 N
Travel
0.70 mm
0.25 mm
Push Strength
50 N (1 minute)
Endurance
Operating Life
2.5 N:1000000 cycles min.
3.5 N: 500000 cycles min.
5.0 N: 200000 cycles min.
1.0 N, 1.6 N: 1000000 cycles min.
2.4 N: 500000 cycles min.
3.5 N: 200000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
2500 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
12500 pcs.
Features
External dimensions : 6.2 mm 2.55 mm (Excluding
the push plate), Height 3.5 mm (EVQP4 Type : Printed
circuit board being as low as 1.35 mm)
Side-operational middle stroke type ( 0.7 mm )
with a high operating force (5.0 N)
Improved soldering strength in the operating direction
when mounted on PC board edge
Specifications
Recommended Applications
Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, Camcorders
Portable audio players, etc.)
Keyless entry (car electronics)
Car audio equipment
Explanation of Part Numbers
6.2 mm 2.5 mm Side-operational Edge Mount /
SMD Light Touch Switches
Type:
EVQP4/EVQP8
Dec. 2008


Similar Part No. - EVQP8H03B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0405M PANASONIC-EVQP0405M Datasheet
76Kb / 3P
   Light Touch Switches/EVQP0/P1/9P
More results

Similar Description - EVQP8H03B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com