Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI03S2403A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PI03S2403A
Description  1W DC/DC CONVERTER, High isolation, SIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PI03S2403A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PI03S2403A Datasheet HTML 1Page - Delta Electronics, Inc. PI03S2403A Datasheet HTML 2Page - Delta Electronics, Inc. PI03S2403A Datasheet HTML 3Page - Delta Electronics, Inc. PI03S2403A Datasheet HTML 4Page - Delta Electronics, Inc. PI03S2403A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_PI01S/D_03202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechanical Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Physical Outline
Case Size
:
22.0x7.5x12.5mm (0.87x0.30x0.49 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
3.9g
P4
0.5
[0.02]
3.50
[0.14]
2.54
[0.10]
7.62
[0.30]
2X2.54
[2X0.10]
22.0 [0.87]
21.0 [0.83]
0.50
[0.02]
Bottom View
1
2
5
6
7


Similar Part No. - PI03S2403A

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000WSN AMI-PI0000WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
logo
List of Unclassifed Man...
PI01-3 ETC1-PI01-3 Datasheet
2Mb / 21P
   IoT Bit 3G v1.6
logo
AMI SEMICONDUCTOR
PI0128WSN AMI-PI0128WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
logo
Delta Electronics, Inc.
PI01D0505A DELTA-PI01D0505A Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PI03S2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com