Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S402ESRP Datasheet(PDF) 3 Page - Littelfuse

Part # S402ESRP
Description  Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S402ESRP Datasheet(HTML) 3 Page - Littelfuse

  S402ESRP Datasheet HTML 1Page - Littelfuse S402ESRP Datasheet HTML 2Page - Littelfuse S402ESRP Datasheet HTML 3Page - Littelfuse S402ESRP Datasheet HTML 4Page - Littelfuse S402ESRP Datasheet HTML 5Page - Littelfuse S402ESRP Datasheet HTML 6Page - Littelfuse S402ESRP Datasheet HTML 7Page - Littelfuse S402ESRP Datasheet HTML 8Page - Littelfuse S402ESRP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
203
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
Figure 2: Normalized DC Holding Current
vs. Junction Temperature
-40
-25
-10+5
+20
+35
+50
+65
+80
0.0
0.5
1.0
1.5
2.0
+95
+125
+110
Junction Temperature (T
J) °C
Figure 5: Maximum Allowable Case Temperature
vs. On-State Current
0.0
0.5
1.0
50
RMS On-state Current [I
T (RMS)] (Amps)
1.5
60
70
80
90
100
110
120
130
SOT-223
TO-92
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180o
CASE TEMPERATURE: Measured as
shown on dimensional drawings
Figure 3: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
-40
-25
-10+5
+20
+35
+50
+65
+80
+95 +110 +125
0.5
1.0
1.5
Junction Temperature (T
J) °C
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
-40
-10
+20
+50
+80
0.0
0.5
1.0
1.5
2.0
Junction Temperature (T
J) °C
+95
+65
+35
+5
-25
+125
+110
2.5
0.0
0.5
1.0
0.0
1.5
0.5
1.0
1.5
RMS On-state Current [I
T(RMS)] (Amps)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180o
Figure 4: Power Dissipation (Typical)
vs. RMS On-State Current


Similar Part No. - S402ESRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
S402ES LITTELFUSE-S402ES_11 Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
More results

Similar Description - S402ESRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com