Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S402TSRP Datasheet(PDF) 8 Page - Littelfuse

Part # S402TSRP
Description  Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S402TSRP Datasheet(HTML) 8 Page - Littelfuse

  S402TSRP Datasheet HTML 1Page - Littelfuse S402TSRP Datasheet HTML 2Page - Littelfuse S402TSRP Datasheet HTML 3Page - Littelfuse S402TSRP Datasheet HTML 4Page - Littelfuse S402TSRP Datasheet HTML 5Page - Littelfuse S402TSRP Datasheet HTML 6Page - Littelfuse S402TSRP Datasheet HTML 7Page - Littelfuse S402TSRP Datasheet HTML 8Page - Littelfuse S402TSRP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
208
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
SCR SERIES
x 02
S
x
VOLTAGE
4: 400V
6: 600V
SENSITIVITY
S: 200µA Sensitive SCR
xx
PACKING TYPE
Blank: Bulk
RP: Reel Pack (TO-92)
: Embossed Carrier Pack
(SOT-223)
AP: Ammo Pack (TO-92)
CURRENT
02: 1.5A
PACKAGE TYPE
E: TO-92
T: SOT-223
xx
Part Numbering System
Part Marking System
SOT223
TO92
Line1 = Littelfuse Part Number
Line2 = continuation…Littelfuse Part Number
Y = Last Digit of Calendar Year
M = Letter Month Code (A-L for Jan-Dec)
L = Location Code
DD = Calendar Date
SOT-223 Reel Pack (RP) Specifications
4 mm
8 mm
1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
K
GATE
A
A
5.5 mm
1.75 mm


Similar Part No. - S402TSRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S402TS LITTELFUSE-S402TS Datasheet
224Kb / 8P
   Teccor brand Thyristors
S402TS LITTELFUSE-S402TS Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
logo
Johanson Technology Inc...
S402TS JOHANSON-S402TS Datasheet
178Kb / 3P
   RF Ceramic Component Proto-Typing Kits
More results

Similar Description - S402TSRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com