Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC103D375 Datasheet(PDF) 2 Page - Littelfuse

Part # EC103D375
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

EC103D375 Datasheet(HTML) 2 Page - Littelfuse

  EC103D375 Datasheet HTML 1Page - Littelfuse EC103D375 Datasheet HTML 2Page - Littelfuse EC103D375 Datasheet HTML 3Page - Littelfuse EC103D375 Datasheet HTML 4Page - Littelfuse EC103D375 Datasheet HTML 5Page - Littelfuse EC103D375 Datasheet HTML 6Page - Littelfuse EC103D375 Datasheet HTML 7Page - Littelfuse EC103D375 Datasheet HTML 8Page - Littelfuse EC103D375 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
164
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
SxS1
EC103X1
SxS2
EC103X2
SxS /
2N6565
EC103X
SxS3
EC103X3
I
GT
V
D = 6V; RL = 100 Ω
MAX.
12
50
200
500
µA
V
GT
MAX.
0.8
V
dv/dt
V
D = VDRM; RGK = 1kΩ
400V
MIN.
20
25
30
40
V/μs
600V
10
10
15
20
V
GD
V
D = VDRM; RL = 3.3 kΩ; TJ = 110°C
MIN.
0.2
0.25
V
I
H
I
T = 20mA (initial), RGK = 1kΩ
MAX.
5
8
mA
t
q
(1)
MAX.
60
50
45
μs
t
gt
I
G = 2 x IGT; PW = 15µs; IT = 1.6A
TYP.
2
5
20
30
μs
(1) I
T=1A; tp=50µs; dv/dt=5V/µs; di/dt=-5A/µs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 1.2A; tp = 380 µs
MAX.
1.7
V
I
DRM / IRRM
V
DRM = VRRM
R
GK = 1kΩ
T
J = 25°C
MAX.
1
μA
T
J = 100°C
50
T
J = 110°C
100
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
EC103xy/2N6565
75
°C/W
SxSy
60*
R
θ(J-A)
Junction to ambient
EC103xy/2N6565
160
°C/W
Notes: x = voltage, y = sensitivity
* = Mounted on 1 cm2 copper (two-ounce) foil surface


Similar Part No. - EC103D375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103D3 LITTELFUSE-EC103D3 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
EC103D3 ETC2-EC103D3 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D3 ETC2-EC103D3 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Teccor Electronics
EC103D3 TECCOR-EC103D3 Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
More results

Similar Description - EC103D375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com