Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N103M275 Datasheet(PDF) 1 Page - Littelfuse

Part # 2N103M275
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2N103M275 Datasheet(HTML) 1 Page - Littelfuse

  2N103M275 Datasheet HTML 1Page - Littelfuse 2N103M275 Datasheet HTML 2Page - Littelfuse 2N103M275 Datasheet HTML 3Page - Littelfuse 2N103M275 Datasheet HTML 4Page - Littelfuse 2N103M275 Datasheet HTML 5Page - Littelfuse 2N103M275 Datasheet HTML 6Page - Littelfuse 2N103M275 Datasheet HTML 7Page - Littelfuse 2N103M275 Datasheet HTML 8Page - Littelfuse 2N103M275 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
163
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
EC103xx & SxSx Series
Description
Excellent unidirectional switches for phase control
applications such as heating and motor speed controls.
Sensitive gate SCRs are easily triggered with microAmps
of current as furnished by sense coils, proximity switches,
and microprocessors.
Features & Benefits
• RoHS compliant
• Glass – passivated
junctions
• Voltage capability up
to 600 V
• Surge capability up to
20 A
Schematic Symbol
Main Features
Symbol
Value
Unit
I
T(RMS)
0.8
A
V
DRM/VRRM
400 to 600
V
I
GT
12 to 500
μA
Absolute Maximum Ratings — Sensitive SCRs
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
T
C = 75°C
0.8
A
I
T(AV)
Average on-state current
T
C = 75°C
0.51
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
16
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
20
I2t
I2t Value for fusing
t
p = 8.3 ms
1.6
A2s
di/dt
Critical rate of rise of on-state current
f = 60 Hz ; T
J = 110°C
50
A/μs
I
GM
Peak gate current
T
J = 110°C
1
A
P
G(AV)
Average gate power dissipation
T
J = 110°C
0.1
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Applications
Typical applications are capacitive discharge systems
for strobe lights and gas engine ignition. Also controls
for power tools, home/brown goods and white goods
appliances.
AK
G


Similar Part No. - 2N103M275

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1034 NJSEMI-2N1034 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1035 NJSEMI-2N1035 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1036 NJSEMI-2N1036 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1037 NJSEMI-2N1037 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1038 NJSEMI-2N1038 Datasheet
148Kb / 1P
   PNP GERMANIUM ALLOY JUNCTION POWER TRANSISTORS
More results

Similar Description - 2N103M275

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com