Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2145MSLTE Datasheet(PDF) 6 Page - Littelfuse

Part # CG2145MSLTE
Description  Gas Discharge Tube (GDT) Products
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG2145MSLTE Datasheet(HTML) 6 Page - Littelfuse

  CG2145MSLTE Datasheet HTML 1Page - Littelfuse CG2145MSLTE Datasheet HTML 2Page - Littelfuse CG2145MSLTE Datasheet HTML 3Page - Littelfuse CG2145MSLTE Datasheet HTML 4Page - Littelfuse CG2145MSLTE Datasheet HTML 5Page - Littelfuse CG2145MSLTE Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: January 10, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Part Numbering System and Ordering Information
Examples:
CG75 -- A non-leaded 75V device
CG2230L -- A leaded 230V device
CG2800LTR -- A leaded 800V device, tape-and-reel
(per EIA standard RS-296-D)
Notes:
CG/CG2 devices with other breakdown voltages in the 75-1000 V range are available upon request.
CG2 XXX XX * XX
Breakdown Voltage
75
90
110
145
230
250
300
350
470
600
800
1000
Series
CG -- for 75, 90, or 110V
CG2 -- for 145V to 1000V
Lead Option Code
Option Code*
(Blank) = No Leads / Core
L = Straight Leads
LS = Shaped Leads
MS = Surface Mount
Packaging Option Code
(Blank) = No Leads / Core, Bulk Bag - 400 pcs
L(Blank) = Straight Lead, Tray - 50 pcs
LTR = Straight Lead, Tape & Reel per EIA RS-296-E - 500 per reel
LTE = Straight Lead, Tape & Reel per IEC 60286-1 - 500 per reel
LS(Blank) = Shaped Lead (see LS dimensions), Tape & Reel - 500 per reel
SN = may have different DC Breakover
Voltage Limit. Please refer to Electrical
Characteristics table for additional
information.


Similar Part No. - CG2145MSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG2145MSLTE LITTELFUSE-CG2145MSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2145MSLTE LITTELFUSE-CG2145MSLTE Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2145MSLTE LITTELFUSE-CG2145MSLTE Datasheet
214Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2145MSLTE LITTELFUSE-CG2145MSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2145MSLTE LITTELFUSE-CG2145MSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
More results

Similar Description - CG2145MSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com