Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6008NH356 Datasheet(PDF) 7 Page - Littelfuse

Part # L6008NH356
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6008NH356 Datasheet(HTML) 7 Page - Littelfuse

Back Button L6008NH356 Datasheet HTML 3Page - Littelfuse L6008NH356 Datasheet HTML 4Page - Littelfuse L6008NH356 Datasheet HTML 5Page - Littelfuse L6008NH356 Datasheet HTML 6Page - Littelfuse L6008NH356 Datasheet HTML 7Page - Littelfuse L6008NH356 Datasheet HTML 8Page - Littelfuse L6008NH356 Datasheet HTML 9Page - Littelfuse L6008NH356 Datasheet HTML 10Page - Littelfuse L6008NH356 Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
81
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Surge Current Duration- Full Cycles
1
110100
1000
10
100
L/Qxx08Ryy
L/Qxx08Lyy
L/Qxx08Nyy
L/Qxx08Vyy
L/Qxx08Dyy
Figure 10: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Value at Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Figure 9: Maximum Allowable Ambient Temperature vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.01.2
1.41.6
1.8
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive CONDUCTION
ANGLE: 360
FREE AIR RATING - NO HEATSINK
L/Qxx08Lyy
L/Qxx08Ryy
L/Qxx08Vyy
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity


Similar Part No. - L6008NH356

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L6008D6 TECCOR-L6008D6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6008D6 LITTELFUSE-L6008D6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6008D6 TECCOR-L6008D6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6008D6 LITTELFUSE-L6008D6 Datasheet
176Kb / 8P
   Sensitive Triacs
L6008D6 LITTELFUSE-L6008D6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L6008NH356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com