Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN202IBN Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIN202IBN
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN202IBN Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIN202IBN Datasheet HTML 5Page - Intersil Corporation HIN202IBN Datasheet HTML 6Page - Intersil Corporation HIN202IBN Datasheet HTML 7Page - Intersil Corporation HIN202IBN Datasheet HTML 8Page - Intersil Corporation HIN202IBN Datasheet HTML 9Page - Intersil Corporation HIN202IBN Datasheet HTML 10Page - Intersil Corporation HIN202IBN Datasheet HTML 11Page - Intersil Corporation HIN202IBN Datasheet HTML 12Page - Intersil Corporation HIN202IBN Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Detailed Description
The HIN202, HIN206, HIN207, HIN208, HIN211, HIN213
family of RS-232 transmitters/receivers are powered by a
single +5V power supply feature low power consumption,
and meet all ElA RS232C and V.28 specifications. The circuit
is divided into three sections: The charge pump, transmitter,
and receiver.
Charge Pump
An equivalent circuit of the charge pump is illustrated in
Figure 1. The charge pump contains two sections: the
voltage doubler and the voltage inverter. Each section is
driven by a two phase, internally generated clock to generate
+10V and -10V. The nominal clock frequency is 125kHz.
During phase one of the clock, capacitor C1 is charged to
VCC . During phase two, the voltage on C1 is added to VCC,
producing a signal across C3 equal to twice VCC. During
phase two, C2 is also charged to 2VCC, and then during
phase one, it is inverted with respect to ground to produce a
signal across C4 equal to -2VCC. The charge pump accepts
input voltages up to 5.5V. The output impedance of the
voltage doubler section (V+) is approximately 200
Ω, and the
output impedance of the voltage inverter section (V-) is
approximately 450
Ω. A typical application uses 0.1µF
capacitors for C1-C4, however, the value is not critical.
Increasing the values of C1 and C2 will lower the output
impedance of the voltage doubler and inverter, increasing
the values of the reservoir capacitors, C3 and C4, lowers the
ripple on the V+ and V- supplies.
During shutdown mode (HIN206 and HIN211, SD = VCC,
HIN213, SD = 0V) the charge pump is turned off, V+ is
pulled down to VCC, V- is pulled up to GND, and the supply
current is reduced to less than 10
µA. The transmitter outputs
are disabled and the receiver outputs (except for HIN213, R4
and R5) are placed in the high impedance state.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic
threshold is about 26% of VCC, or 1.3V for VCC = 5V. A logic
1 at the input results in a voltage of between -5V and V- at
the output, and a logic 0 results in a voltage between +5V
and (V+ - 0.6V). Each transmitter input has an internal
400k
Ω pullup resistor so any unused input can be left
unconnected and its output remains in its low state. The
output voltage swing meets the RS-232C specifications of
±5V minimum with the worst case conditions of: all
transmitters driving 3k
Ω minimum load impedance,
VCC = 4.5V, and maximum allowable operating temperature.
The transmitters have an internally limited output slew rate
which is less than 30V/
µs. The outputs are short circuit
protected and can be shorted to ground indefinitely. The
powered down output impedance is a minimum of 300
Ω with
±2V applied to the outputs and VCC = 0V.
Receivers
The receiver inputs accept up to
±30V while presenting the
required 3k
Ω to 7kΩ input impedance even if the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the
±3V limits, known as the transition
region, of the RS-232 specifications. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis (except during shutdown) to improve noise
rejection. The receiver Enable line (EN on HIN206 and
HIN211, EN on HIN213) when unasserted, disables the
receiver outputs, placing them in the high impedance mode.
The receiver outputs are also placed in the high impedance
state when in shutdown mode (except HIN213 R4 and R5).
HIN213 Operation in Shutdown
The HIN213 features two receivers, R4 and R5, which
remain active in shutdown mode. During normal operation
the receivers propagation delay is typically 0.5
µs. This
propagation delay may increase slightly during shutdown.
When entering shut down mode, receivers R4 and R5 are
not valid for 80
µs after SD = VIL. When exiting shutdown
mode, all receiver outputs will be invalid until the charge
pump circuitry reaches normal operating voltage. This is
typically less than 2ms when using 0.1
µF capacitors.
TOUT
V- < VTOUT < V+
300
400k
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 2. TRANSMITTER
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 3. RECEIVER
TIN
VOL
VOL
tPLH
tPHL
AVERAGE PROPAGATION DELAY =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 4. PROPAGATION DELAY DEFINITION
HIN202, HIN206, HIN207, HIN208, HIN211, HIN213


Similar Part No. - HIN202IBN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202IBN INTERSIL-HIN202IBN Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202IBN INTERSIL-HIN202IBN Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN202IBN HARRIS-HIN202IBN Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202IBNZ RENESAS-HIN202IBNZ Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202IBNZ-T RENESAS-HIN202IBNZ-T Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN202IBN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com