Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1800EBLRP2 Datasheet(PDF) 1 Page - Littelfuse

Part # P1800EBLRP2
Description  SIDACtor Series - TO-92
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1800EBLRP2 Datasheet(HTML) 1 Page - Littelfuse

  P1800EBLRP2 Datasheet HTML 1Page - Littelfuse P1800EBLRP2 Datasheet HTML 2Page - Littelfuse P1800EBLRP2 Datasheet HTML 3Page - Littelfuse P1800EBLRP2 Datasheet HTML 4Page - Littelfuse P1800EBLRP2 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
158
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Description
SIDACtor® Series - TO-92
SIDACtor® Series TO-92 are designed to protect
baseband equipment such as modems, line cards, CPE
and DSL from damaging overvoltage transients.
The series provides a robust through-hole solution that
enables equipment to comply with global regulatory
standards.
Electrical Characteristics
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max A max
V max
pF min pF max
P0080EALxxx
P0080EA
6
25
50
800
2.2
4
25
150
P0300EALxxx
P0300EA
25
40
50
800
2.2
4
15
140
P0640EALxxx
P0640EA
58
77
150
800
2.2
4
40
60
P0720EALxxx
P0720EA
65
88
150
800
2.2
4
35
60
P0900EALxxx
P0900EA
75
98
150
800
2.2
4
35
55
P1100EALxxx
P1100EA
90
130
150
800
2.2
4
30
50
P1300EALxxx
P1300EA
120
160
150
800
2.2
4
25
45
P1500EALxxx
P1500EA
140
180
150
800
2.2
425
40
P1800EALxxx
P1800EA
170
220
150
800
2.2
425
35
P2300EALxxx
P2300EA
190
260
150
800
2.2
425
35
P2600EALxxx
P2600EA
220
300
150
800
2.2
420
35
P3100EALxxx
P3100EA
275
350
150
800
2.2
420
35
P3500EALxxx
P3500EA
320
400
150
800
2.2
420
35
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
* A/B-rated parts require series resistance
Pin 1
Pin 3
Table continues on next page.


Similar Part No. - P1800EBLRP2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1800EBL LITTELFUSE-P1800EBL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P1800EBL LITTELFUSE-P1800EBL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P1800EBL HUAXINAN-P1800EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P1800EBL HUAXINAN-P1800EBL Datasheet
617Kb / 7P
   Protection Thyristor
P1800EBL HUAXINAN-P1800EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
More results

Similar Description - P1800EBLRP2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
logo
Rectron Semiconductor
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
   SIDACTOR
PR058A RECTRON-PR058A Datasheet
172Kb / 3P
   SIDACTOR
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Littelfuse
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
   SIDACtor
logo
Rectron Semiconductor
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
   SIDACTOR
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
   SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
   SIDACTOR
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com