Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS-40J Datasheet(PDF) 1 Page - CUI INC

Part # SDS-40J
Description  STANDARD DIN CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDS-40J Datasheet(HTML) 1 Page - CUI INC

  SDS-40J Datasheet HTML 1Page - CUI INC SDS-40J Datasheet HTML 2Page - CUI INC SDS-40J Datasheet HTML 3Page - CUI INC SDS-40J Datasheet HTML 4Page - CUI INC SDS-40J Datasheet HTML 5Page - CUI INC SDS-40J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date
04/26/2012
page
1 of 6
cui.com
SERIES:
SDS-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
FEATURES
• PCB mount
• right angle
• 3~8, 13 pins
RoHS
SDS - XX J
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
all models
130 model
all other models
100
12
24
Vac
Vdc
Vdc
rated input current
130 model, at 100 Vac
all other models, at 100 Vac
130 model, at 12 Vdc
all other models, at 24 Vdc
1
2
2
1
A
A
A
A
contact resistance
20
insulation resistance
at 500 Vdc
100
voltage withstand
for 1 minute
500
Vac
insertion force
130 model
all other models
3
5
kg
kg
withdrawl force
40 model
130 model
all other models
0.6
0.5
1
3
2
3.5
kg
kg
kg
operating temperature
-40
85
°C
life
1,000
cycles
Pin Options
30 = 3 pins
40 = 4 pins
50 = 5 pins, 180 degrees
51 = 5 pins, 240 degrees
60 = 6 pins
70 = 7 pins
80 = 8 pins
130 = 13 pins


Similar Part No. - SDS-40J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDS-40J CUI-SDS-40J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-40J CUID-SDS-40J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
   CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
More results

Similar Description - SDS-40J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com