Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-3533NS Datasheet(PDF) 3 Page - CUI INC

Part # SJ1-3533NS
Description  3.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-3533NS Datasheet(HTML) 3 Page - CUI INC

  SJ1-3533NS Datasheet HTML 1Page - CUI INC SJ1-3533NS Datasheet HTML 2Page - CUI INC SJ1-3533NS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
date 01/25/2012 page 3 of 3
SERIES: SJ1-353XNS
3.5 MM AUDIO JACKS
DESCRIPTION:
CUI Inc
rev.
description
date
1.0
initial release
02/01/2006
1.01
new template applied
01/25/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY


Similar Part No. - SJ1-3533NS

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-3533NS CUI-SJ1-3533NS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI Devices
SJ1-3533NS CUID-SJ1-3533NS Datasheet
354Kb / 3P
   AUDIO JACK
09/07/2023
More results

Similar Description - SJ1-3533NS

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
   3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com