Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN208CB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIN208CB
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN208CB Datasheet(HTML) 1 Page - Intersil Corporation

  HIN208CB Datasheet HTML 1Page - Intersil Corporation HIN208CB Datasheet HTML 2Page - Intersil Corporation HIN208CB Datasheet HTML 3Page - Intersil Corporation HIN208CB Datasheet HTML 4Page - Intersil Corporation HIN208CB Datasheet HTML 5Page - Intersil Corporation HIN208CB Datasheet HTML 6Page - Intersil Corporation HIN208CB Datasheet HTML 7Page - Intersil Corporation HIN208CB Datasheet HTML 8Page - Intersil Corporation HIN208CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN3980.18
HIN202, HIN206, HIN207,
HIN208, HIN211, HIN213
+5V Powered RS-232
Transmitters/Receivers with 0.1Microfarad
External Capacitors
The HIN202, HIN206, HIN207, HIN208, HIN211, HIN213
family of RS-232 transmitters/receivers interface circuits
meet all ElA RS-232E and V.28 specifications, and are
particularly suited for those applications where
±12V is not
available. They require a single +5V power supply and
feature onboard charge pump voltage converters which
generate +10V and -10V supplies from the 5V supply. The
family of devices offers a wide variety of RS-232
transmitter/receiver combinations to accommodate various
applications (see Selection Table).
The HIN206, HIN211 and HIN213 feature a low power
shutdown mode to conserve energy in battery powered
applications. In addition, the HIN213 provides two active
receivers in shutdown mode allowing for easy “wakeup”
capability.
The drivers feature true TTL/CMOS input compatibility, slew
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V input, and have a 3kΩ
to 7k
Ω input impedance. The receivers also feature
hysteresis to greatly improve noise rejection.
Applications
• Any System Requiring RS-232 Communications Port
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation
- Modems
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
(See Ordering Info)
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1
µF or Greater External Capacitors
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 120kbit/s
• Two Receivers Active in Shutdown Mode (HIN213)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . .1
µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for +5V lnput
-300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
-30V/
µs Maximum Slew Rate
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
NUMBER OF
0.1
µF
EXTERNAL
CAPACITORS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
RECEIVERS
ACTIVE IN
SHUTDOWN
HIN202
+5V
2
2
4 Capacitors
No/No
0
HIN206
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN207
+5V
5
3
4 Capacitors
No/No
0
HIN208
+5V
4
4
4 Capacitors
No/No
0
HIN211
+5V
4
5
4 Capacitors
Yes/Yes
0
HIN213
+5V
4
5
4 Capacitors
Yes/Yes
2
Data Sheet
July 27, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or
1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001-2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIN208CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN208CB INTERSIL-HIN208CB Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN208CB INTERSIL-HIN208CB Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN208CB HARRIS-HIN208CB Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN208CB-T INTERSIL-HIN208CB-T Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN208CBZ RENESAS-HIN208CBZ Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN208CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com