Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6010CPA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMEG6010CPA
Description  1 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6010CPA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMEG6010CPA Datasheet HTML 7Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 8Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 9Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 10Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 11Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 12Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 13Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 14Page - NXP Semiconductors PMEG6010CPA Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PMEG6010CPA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2010
11 of 15
NXP Semiconductors
PMEG6010CPA
1 A low VF dual MEGA Schottky barrier rectifier
11. Soldering
Reflow soldering is the only recommended soldering method.
Fig 16. Reflow soldering footprint SOT1061
occupied area
solder paste = solder lands
Dimensions in mm
sot1061_fr
solder resist
0.4
2.1
1.3
0.25
0.25
0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2
×)
0.5 (2
×) 0.6 (2×)
0.4 (2
×)
0.5
1.6
1.7
1.05


Similar Part No. - PMEG6010CPA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6010CPA NEXPERIA-PMEG6010CPA Datasheet
445Kb / 16P
   1 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 25 August 2010
PMEG6010CPAS NEXPERIA-PMEG6010CPAS Datasheet
713Kb / 15P
   60 V, 1 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG6010CPAS PHILIPS-PMEG6010CPAS_15 Datasheet
231Kb / 15P
   60 V, 1 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
More results

Similar Description - PMEG6010CPA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4010CPA NEXPERIA-PMEG4010CPA Datasheet
894Kb / 15P
   1 A low VF dual MEGA Schottky barrier rectifier
PMEG6010CPA NEXPERIA-PMEG6010CPA Datasheet
445Kb / 16P
   1 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010EP PHILIPS-PMEG3010EP_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG4010ER NXP-PMEG4010ER_10 Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 02-15 April 2010
PMEG2010ER NXP-PMEG2010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com