Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D5109CB100 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MMU01020D5109CB100
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D5109CB100 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MMU01020D5109CB100 Datasheet HTML 3Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 4Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 5Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 6Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 7Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 8Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 9Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 10Page - Vishay Siliconix MMU01020D5109CB100 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Precision MELF Resistors
Vishay Beyschlag
Document Number: 28714
For technical questions contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 18-Jul-06
41
4.23
climatic
4.23.2
2 (Ba)
dry heat
UCT; 16 h
4.23.3
30 (Db)
damp heat,
cyclic
55
°C; 24 h; ≥ 90 % RH;
1 cycle
4.23.4
1 (Aa)
cold
LCT; 2 h
4.23.5
13 (M)
low air pressure
8.5 kPa; 2 h; (25 ± 10)
°C
4.23.6
30 (Db)
damp heat,
cyclic
55
°C; 24 h; ≥ 90 % RH;
5 cycles
4.23.7
-
d.c. load
U =
≤ U
max; 1 min.
LCT = - 10
°C; UCT = 85 °C ± (0.05 % R +5 mΩ)
± (0.1 % R +5 m
Ω)-
LCT = - 55
°C; UCT = 125 °C
--
± (0.1 % R +5 m
Ω)
-
1 (Aa)
cold
- 55
°C; 2 h
± (0.02 % R +5 m
Ω)
4.19
14 (Na)
rapid change of
temperature
30 minutes at LCT;
30 minutes at UCT;
LCT = - 10
°C; UCT = 85 °C
5cycles
± (0.01 % R +5 m
Ω) ± (0.02 % R +5 mΩ)-
1000 cycles
± (0.1 % R +5 m
Ω)
± (0.1 % R +5 m
Ω)-
LCT = - 55
°C; UCT = 125 °C
5cycles
-
-
± (0.025 % R +5 m
Ω)
1000 cycles
--
± (0.2 % R +5 m
Ω)
4.13
-
short time over-
load; precision
operation mode
U = 2.5
×
≤ 2 × U
max; 5 s
± (0.01 % R +5 m
Ω) ± (0.02 % R +5 mΩ)± (0.03 % R +5 mΩ)
short time over-
load; standard
operation mode
± (0.05 % R +5 m
Ω)
4.27
-
single pulse high
voltage overload;
standard
operation mode
severity no. 4:
U = 10
×
≤ 2 × U
max;
10 pulses 10
μs/700 μs
± (0.25 % R +5 m
Ω)1)
4.37
-
periodic electric
overload;
standard
operation mode
U =
≤ 2 × U
max;
0.1 s on; 2.5 s off;
1000 cycles
± (0.5 % R +5 m
Ω)1)
4.22
6 (Fc)
vibration
endurance by sweeping;
10 to 2000 Hz; no
resonance; amplitude
≤ 1.5 mm or ≤ 200 m/s2; 6 h
± (0.01 % R +5 m
Ω) ± (0.02 % R +5 mΩ)± (0.03 % R +5 mΩ)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2*
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
stability for product types:
STABILITY
CLASS 0.05
OR BETTER
STABILITY
CLASS 0.1
OR BETTER
STABILITY
CLASS 0.25
OR BETTER
MMU 0102
100
Ω to 100 kΩ
43
Ω to 147 kΩ
22
Ω to 332 kΩ
MMA 0204
100
Ω to 100 kΩ
43
Ω to 221 kΩ
10
Ω to 511 kΩ
MMB 0207
100
Ω to 270 kΩ
43
Ω to 510 kΩ
15
Ω to 1 MΩ
P
70
R
×
P
70
R
×
P
70
R
×
15
P
70
×
R
×


Similar Part No. - MMU01020D5109CB100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D5620DB0 VISHAY-MMU01020D5620DB0 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D5109CB100

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com