Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D5100CB100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MMU01020D5100CB100
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D5100CB100 Datasheet(HTML) 4 Page - Vishay Siliconix

  MMU01020D5100CB100 Datasheet HTML 1Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 2Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 3Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 4Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 5Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 6Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 7Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 8Page - Vishay Siliconix MMU01020D5100CB100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Precision MELF Resistors
Vishay Beyschlag
Document Number: 28714
For technical questions contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 18-Jul-06
37
DIMENSIONS
1) Color code marking is applied according to IEC 60062* in five bands. Each color band appears as a single solid line, voids are permissible if
at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance is approx, 50 % wider than the other bands.
An interrupted band between the 4rd and 5th full band identifies the temperature coefficient.
Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability.
1) Resistance values to be selected from E24 and E192 series, for other values please contact the factory.
DIMENSIONS - MELF resistor types, mass and relevant physical dimensions
TYPE
L
(mm)
D
(mm)
L1 min
(mm)
D1
(mm)
K
(mm)
MASS
(mg)
MMU 0102
2.2 + 0/- 0.1
1.1 + 0/- 0.1
1.2
D + 0/- 0.1
0.4 ± 0.05
7
MMA 0204
3.6 + 0/- 0.2
1.4 + 0/- 0.1
1.8
D + 0/- 0.15
0.8 ± 0.1
19
MMB 0207
5.8 + 0/- 0.2
2.2 + 0/- 0.2
2.8
D + 0/- 0.2
1.25 ± 0.15
79
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE1)
TCR
TOLERANCE
MMU 0102
MMA 0204
MMB 0207
± 25 ppm/K
± 0.25 %
47
Ω to 332 kΩ
22
Ω to 511 kΩ
15
Ω to 1 MΩ
± 0.1 %
100
Ω to 221 kΩ
43
Ω to 511 kΩ
33
Ω to 1 MΩ
± 15 ppm/K
± 0.5 %
22
Ω to 100 kΩ
10
Ω to 332 kΩ
-
± 0.25 %
47
Ω to 100 kΩ
22
Ω to 332 kΩ
-
± 0.1 %
100
Ω to 100 kΩ
43
Ω to 332 kΩ
33
Ω to 1 MΩ
L
D
L 1
K
D1
Color code marking
1)


Similar Part No. - MMU01020D5100CB100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D5620DB0 VISHAY-MMU01020D5620DB0 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D5100CB100

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com