Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q8008V656 Datasheet(PDF) 3 Page - Littelfuse

Part # Q8008V656
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q8008V656 Datasheet(HTML) 3 Page - Littelfuse

  Q8008V656 Datasheet HTML 1Page - Littelfuse Q8008V656 Datasheet HTML 2Page - Littelfuse Q8008V656 Datasheet HTML 3Page - Littelfuse Q8008V656 Datasheet HTML 4Page - Littelfuse Q8008V656 Datasheet HTML 5Page - Littelfuse Q8008V656 Datasheet HTML 6Page - Littelfuse Q8008V656 Datasheet HTML 7Page - Littelfuse Q8008V656 Datasheet HTML 8Page - Littelfuse Q8008V656 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
77
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Absolute Maximum Ratings — Alternistor (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx08LHy
T
C = 90°C
8
A
Qxx08RHy / Qxx08NHy
Qxx08VHy / Qxx08DHy
T
C = 95°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
Qxx08VHy /
Qxx08DHy
80
A
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
83
f = 60 Hz
t = 16.7 ms
Qxx08VHy /
Qxx08DHy
85
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
100
I2t
I2t Value for fusing
t
p = 8.3 ms
Qxx08VHy /
Qxx08DHy
30
A2s
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
41
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
P ≤ 10 μs;
I
GT ≤ IGTM
T
J = 125°C
Qxx08VHy /
Qxx08DHy
1.6
A
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
2.0
P
G(AV)
Average gate power dissipation
T
J = 125°C
I
GT = 10mA
Qxx08VHy /
Qxx08DHy
0.4
W
I
GT = 35mA
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
0.5
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
Lxx08x6
Lxx08x8
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
5
10
10
20
mA
V
GT
ALL
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
ALL
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
10
20
mA
dv/dt
V
D = VDRM Gate Open TJ = 100°C
400V
TYP.
30
40
V/μs
600V
20
30
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 110°C
TYP.
2
2
V/μs
t
gt
I
G = 100mA PW = 15µs IT = 11.3 A(pk)
TYP.
3.0
3.2
μs
Note: xx = voltage, x = package, y = sensitivity


Similar Part No. - Q8008V656

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q8008VH4 LITTELFUSE-Q8008VH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q8008VH4 ETC2-Q8008VH4 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q8008V656

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com