Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA8AKD102V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA8AKD102V
Description  Metal Film Chip Resistors, High Reliability Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA8AKD102V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA8AKD102V Datasheet HTML 1Page - Panasonic Semiconductor ERA8AKD102V Datasheet HTML 2Page - Panasonic Semiconductor ERA8AKD102V Datasheet HTML 3Page - Panasonic Semiconductor ERA8AKD102V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Chip Resistors, High Reliability Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
P1
P2
P0
T
A
Tape running direction
Chip component
Sprocket hole
Compartment
φD0
φC
φA
W
T
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
85
°C
–55
°C
20
40
60
80
100
Ambient Temperature (
°C)
155
°C
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Rated Power
Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
Power Rating or max. Overload Voltage listed above
whichever less.
(3) E96 series resistance values are also available. Please contact us for details.
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
85 °C, power rating shall be derated in accordance
with the figure on the right.
Packaging Methods (Taping)
● Standard Quantity
Type
Kind of Taping
Pitch (P1)Quantity
ERA2A
Punched Carrier Taping
2 mm
10000 pcs./reel
ERA3A, 6A, 8A
4 mm
5000 pcs./reel
● Taping Reel
● Carrier Taping
Type
(inches)
Power
Rating
at 85 °C
(W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum
Overload
Voltage
(2)
(V)
Type
(detail)
Resistance
Tolerance
(%)
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Resistance
Range
(3)
( )
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERA2A
(0402)
0.063
25
50
ERA2AKD
±0.5
±100
10 to
43 (E24)
–55 to +155
ERA2AED
±0.5
±25
47 to 100 k (E24)
ERA2AEB
±0.1
ERA3A
(0603)
0.1
75
150
ERA3AHD
±0.5
±50
10 to
43 (E24)
ERA3AED
±0.5
±25
47 to 330 k (E24)
ERA3AEB
±0.1
ERA6A
(0805)
0.125
100
200
ERA6AHD
±0.5
±50
10 to
43 (E24)
ERA6AED
±0.5
±25
47 to 1 M (E24)
ERA6AEB
±0.1
ERA6APB
±0.1
±15
470 to 100 k (E24)
ERA6ARB
±0.1
±10
1 k to 100 k (E24)
ERA6ARW
±0.05
ERA8A
(1206)
0.25
150
300
ERA8AHD
±0.5
±50
10 to
43 (E24)
ERA8AED
±0.5
±25
47 to 1 M (E24)
ERA8AEB
±0.1
Dimensions
(mm)
Type
A
B
W
F
E
2A
0.67
±0.05
1.17
±0.05
8.00
±0.20
3.50
±0.05
1.75
±0.10
3A
1.10
±0.10
1.90
±0.10
6A
1.65
±0.15
2.50
±0.20
8A
2.00
±0.15
3.60
±0.20
Dimensions
(mm)
形式
P1
P2
P0
φD0
T
2A
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.52
±0.05
3A
4.00
±0.10
0.70
±0.05
6A, 8A
0.84
±0.05
–0
Dimensions
(mm)
φA
φB
φC
180.0
+0
60 min.
13.0
±1.0
–3.0
Dimensions
(mm)
WT
9.0
±1.0
11.4
±1.0
Feb. 2009


Similar Part No. - ERA8AKD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA8AKD102V PANASONIC-ERA8AKD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA8AKD102V PANASONIC-ERA8AKD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA8AKD102V PANASONICBATTERY-ERA8AKD102V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA8AKD102V PANASONIC-ERA8AKD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA8AKD102V PANASONIC-ERA8AKD102V Datasheet
537Kb / 7P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
More results

Similar Description - ERA8AKD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3AEB1961V PANASONIC-ERA3AEB1961V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB103P PANASONIC-ERA3ARB103P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB333V PANASONIC-ERA-3AEB333V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB102P PANASONIC-ERA3ARB102P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB274V PANASONIC-ERA-3AEB274V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA6AEB302V PANASONIC-ERA6AEB302V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA3AEB2321V PANASONICBATTERY-ERA3AEB2321V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com