Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6Z-1PE Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6Z-1PE
Description  Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z-1PE Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G6Z-1PE Datasheet HTML 2Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 3Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 4Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 5Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 6Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 7Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 8Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 9Page - Omron Electronics LLC G6Z-1PE Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
116
High-frequency Relay
G6Z
Note: 1. The tests were conducted at an ambient temperature of 23°C.
2. High-frequency characteristics depend upon the PCB to which the relay is mounted. Always check these characteristics, including
endurance (service life), in the actual machine before use.
* Substrate loss removed
N.O
N.C
Sample: G6Z-1PE 75
Ω 5 VDC
with terminating resistance
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
(Average value (initial value))
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
Sample: G6Z-1PE 75
Ω 5 VDC
with terminating resistance
(Average value (initial value))
Return loss
V.S.W.R.
0
20
40
60
80
100
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
Sample: G6Z-1PE 75
Ω 5 VDC
with terminating resistance
(Average value (initial value))
High-frequency Characteristics at 75
Ω
(Isolation)
High-frequency Characteristics at 75
Ω
(Insertion Loss)
High-frequency Characteristics at 75
Ω
(Return Loss, V.S.W.R.)
0
0.2
0.4
0.6
0.8
1.0
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
(Average value (initial value))
Sample: G6Z-1PE-A 50
Ω 5 VDC
with terminating resistance
* Substrate loss removed
0
10
20
30
40
50
60
70
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
(Average value (initial value))
Sample: G6Z-1PE-A 50
Ω 5 VDC
with terminating resistance
Return loss
V.S.W.R.
0
20
40
60
80
100
Frequency (MHz)
0
500
1,000
1,500
2,000
2,500 3,000
N.O.
N.C.
(Average value (initial value))
Sample: G6Z-1PE-A 50
Ω 5 VDC
with terminating resistance
High-frequency Characteristics at 50
Ω
(Isolation)
High-frequency Characteristics at 50
Ω
(Insertion Loss)
High-frequency Characteristics at 50
Ω
(Return Loss, V.S.W.R.)
Time (ms)
0.5
1.0
1.5
2.0
Must operate bounce time
Must release bounce time
30
25
20
15
10
5
0
Sample: G6Z-1P
75
Ω 5 VDC
Number of Relays: 32
Must operate
Must release time
25
20
15
10
5
Time (ms)
0
1.0
2.0
3.0
4.0
5.0
Sample: G6Z-1P
75
Ω 5 VDC
Number of Relays: 32
Must Operate and Must Release
Time Distribution (See note.)
Must Operate and Must Release
Bounce Time Distribution (See note.)


Similar Part No. - G6Z-1PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z-1PE OMRON-G6Z-1PE Datasheet
1Mb / 18P
   High-frequency Relay
G6Z-1PE OMRON-G6Z-1PE Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z-1PE-A OMRON-G6Z-1PE-A Datasheet
1Mb / 18P
   High-frequency Relay
G6Z-1PE-A OMRON-G6Z-1PE-A Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results

Similar Description - G6Z-1PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Pasternack Enterprises,...
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
   2.6 GHz WiMAX / LTE Bands Working Frequency
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com